Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67-03-B7GBRSW-B12-2T Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 67-03-B7GBRSW-B12-2T
Description  Full Color Top View LEDs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-03-B7GBRSW-B12-2T Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  67-03-B7GBRSW-B12-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-03-B7GBRSW-B12-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-03-B7GBRSW-B12-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-03-B7GBRSW-B12-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-03-B7GBRSW-B12-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-03-B7GBRSW-B12-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-03-B7GBRSW-B12-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-03-B7GBRSW-B12-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-03-B7GBRSW-B12-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
Technical Data Sheet - Preliminary
Full Color Top View LEDs
67-03/B7GBRSW-B12/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1.1
Page: 3 of 14
Device No. :
Prepared date: 21-Sep-2007
Prepared by: Josh Chou
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
RS
50
GB
30
Forward Current
IF
B7
30
mA
RS
100
GB
100
Peak Forward Current (Duty 1/10 @ 1KHz)
IFP
B7
100
mA
RS
120
GB
110
Power Dissipation
Pd
B7
110
mW
RS
2000
GB
1000
Electrostatic Discharge(HBM)
ESD
B7
1000
V
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40~ +90
Soldering Temperature
Tsol
Reflow Soldering : 260 ℃ for 10 sec.
Hand Soldering : 350 ℃ for 3 sec.


Similar Part No. - 67-03-B7GBRSW-B12-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-03-BHGHR6W-B11-2T EVERLIGHT-67-03-BHGHR6W-B11-2T Datasheet
248Kb / 15P
   Full Color Top View LEDs
67-03-BHGHR6W-B11-2T-MS EVERLIGHT-67-03-BHGHR6W-B11-2T-MS Datasheet
291Kb / 14P
   Full Color Top View LEDs
More results

Similar Description - 67-03-B7GBRSW-B12-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-23SDRSYGUBC-TR8 EVERLIGHT-67-23SDRSYGUBC-TR8 Datasheet
149Kb / 10P
   Full Color Top View LEDs
67-03-BHGHR6W-B11-2T EVERLIGHT-67-03-BHGHR6W-B11-2T Datasheet
248Kb / 15P
   Full Color Top View LEDs
67-03-S3GHBHC-B01-1T EVERLIGHT-67-03-S3GHBHC-B01-1T Datasheet
216Kb / 13P
   Full Color Top View LEDs
67-23SURSYGUBC-S530-A2 EVERLIGHT-67-23SURSYGUBC-S530-A2 Datasheet
139Kb / 10P
   Full Color Top View LEDs
67-03-BHGHR6W-B11-2T-MS EVERLIGHT-67-03-BHGHR6W-B11-2T-MS Datasheet
291Kb / 14P
   Full Color Top View LEDs
EAPL3528RYA0 EVERLIGHT-EAPL3528RYA0 Datasheet
376Kb / 10P
   Full Color Top View LEDs
EAPL3527GGA0 EVERLIGHT-EAPL3527GGA0 Datasheet
568Kb / 10P
   Full Color Top View LEDs
EAPL3528RGA1 EVERLIGHT-EAPL3528RGA1 Datasheet
369Kb / 10P
   Full Color Top View LEDs
EAPL3528WA0 EVERLIGHT-EAPL3528WA0 Datasheet
317Kb / 9P
   Full Color Top View LEDs
67-23SDRSUGSUBC-TR8 EVERLIGHT-67-23SDRSUGSUBC-TR8 Datasheet
192Kb / 12P
   Full Color Top View LEDs
67-03-RSGHBHC-B06-1T EVERLIGHT-67-03-RSGHBHC-B06-1T Datasheet
272Kb / 13P
   Full Color Top View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com