Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67-01UTC-EV1W1N-2T Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 67-01UTC-EV1W1N-2T
Description  TOP View LEDs With Black Surface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-01UTC-EV1W1N-2T Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  67-01UTC-EV1W1N-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-01UTC-EV1W1N-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-01UTC-EV1W1N-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-01UTC-EV1W1N-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-01UTC-EV1W1N-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-01UTC-EV1W1N-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-01UTC-EV1W1N-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-01UTC-EV1W1N-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-01UTC-EV1W1N-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 3 of 12
Device No. :
prepared date:11-Apr-2006
Prepared by: Teresa Lee
67-01/UTC-EV1W1N/2T
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40~ +100
Electrostatic Discharge(HBM)
ESD
2000
V
Power Dissipation
Pd
110
mW
Peak Forward Current(Duty
1/10 @ 1KHZ)
IFP
100
mA
Soldering Temperature
Tsol
Reflow Soldering : 260 ℃ for 10 sec.
Hand Soldering : 350 ℃ for 3 sec.
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
IV
715
-----
1420
mcd
IF=20mA
Viewing Angle
2θ1/2
-----
120
-----
deg
IF=20mA
Forward Voltage
VF
2.70
-----
3.70
V
IF=20mA
Notes:
1.Tolerance of Luminous Intensity ±10%
2.Tolerance of Forward Voltage ±0.1V


Similar Part No. - 67-01UTC-EV1W1N-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-01-YSC-HT2U1B-2T EVERLIGHT-67-01-YSC-HT2U1B-2T Datasheet
196Kb / 10P
   TOP View LEDs With Black Surface
67-01/YSC-CU1V1/2T/MS EVERLIGHT-67-01/YSC-CU1V1/2T/MS Datasheet
214Kb / 10P
   Top View LEDs with Black Surface
67-01/YSC-HT2U1B/2T EVERLIGHT-67-01/YSC-HT2U1B/2T Datasheet
192Kb / 10P
   TOP View LEDs With Black Surface
67-01/YSC-HT2U1B/2T EVERLIGHT-67-01/YSC-HT2U1B/2T Datasheet
196Kb / 10P
   TOP View LEDs With Black Surface
logo
Amphenol Industrial Pro...
67-01C AIO-67-01C Datasheet
1Mb / 10P
   Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
More results

Similar Description - 67-01UTC-EV1W1N-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-01-YSC-HT2U1B-2T EVERLIGHT-67-01-YSC-HT2U1B-2T Datasheet
196Kb / 10P
   TOP View LEDs With Black Surface
67-01YSC-HT2U1B-2T EVERLIGHT-67-01YSC-HT2U1B-2T Datasheet
192Kb / 10P
   TOP View LEDs With Black Surface
67-01YSC-CU1V1-2T-MS EVERLIGHT-67-01YSC-CU1V1-2T-MS Datasheet
214Kb / 10P
   Top View LEDs with Black Surface
67-21B-GBC-YX2Z1M-BT-MS EVERLIGHT-67-21B-GBC-YX2Z1M-BT-MS Datasheet
219Kb / 10P
   TOP View LEDs With Lens
67-21B-G6C-BR1S2B-BT EVERLIGHT-67-21B-G6C-BR1S2B-BT Datasheet
215Kb / 10P
   TOP View LEDs With Lens
67-11BUWC-S400-X10-TR8 EVERLIGHT-67-11BUWC-S400-X10-TR8 Datasheet
228Kb / 10P
   TOP View LEDs With Lens
67-21B-S2C-AS1T2B-BT EVERLIGHT-67-21B-S2C-AS1T2B-BT Datasheet
226Kb / 11P
   TOP View LEDs With Lens
67-21B-UPGC-A003-3-TR8 EVERLIGHT-67-21B-UPGC-A003-3-TR8 Datasheet
208Kb / 11P
   TOP View LEDs With Lens
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
   Top View LEDs
67-22-R6Y2C-B31-2T EVERLIGHT-67-22-R6Y2C-B31-2T Datasheet
296Kb / 12P
   Top View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com