Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

65-11-BHC-AR1S2B2-2T Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # 65-11-BHC-AR1S2B2-2T
Description  Mini TOP View LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

65-11-BHC-AR1S2B2-2T Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button 65-11-BHC-AR1S2B2-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 65-11-BHC-AR1S2B2-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 65-11-BHC-AR1S2B2-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 65-11-BHC-AR1S2B2-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 65-11-BHC-AR1S2B2-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 65-11-BHC-AR1S2B2-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 65-11-BHC-AR1S2B2-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 65-11-BHC-AR1S2B2-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 65-11-BHC-AR1S2B2-2T Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
65-11/BHC-AR1S2B2/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 8 of 10
Device No.:DSE-651-264
Prepared date:18-Jan-2007
Prepared by: Rita Shen
Reliability Test Items And Conditions
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
No.
Items
Test Condition
Test
Hours/Cycles
Sample
Size
Ac/Re
1
Reflow Soldering
Temp. : 260℃±5℃
Min. 5sec.
6 Min.
22 PCS.
0/1
2
Temperature Cycle
H : +100℃ 15min
5 min
L : -40℃ 15min
300 Cycles 22 PCS.
0/1
3
Thermal Shock
H : +100℃ 5min
10 sec
L : -10℃ 5min
300 Cycles 22 PCS.
0/1
4
High Temperature
Storage
Temp. : 100℃
1000 Hrs. 22 PCS.
0/1
5
Low Temperature
Storage
Temp. : -40℃
1000 Hrs. 22 PCS.
0/1
6
DC Operating Life
IF = 20 mA
1000 Hrs.
22 PCS.
0/1
7
High Temperature /
High Humidity
85℃/ 85%RH
1000 Hrs. 22 PCS.
0/1


Similar Part No. - 65-11-BHC-AR1S2B2-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
65-11-BHC-K9R2S2A7E8 EVERLIGHT-65-11-BHC-K9R2S2A7E8 Datasheet
404Kb / 9P
   Mini Top View LEDs
More results

Similar Description - 65-11-BHC-AR1S2B2-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
65-21SDRC-S530-A4-TR8 EVERLIGHT-65-21SDRC-S530-A4-TR8 Datasheet
252Kb / 9P
   Mini Top View LEDs
45-21SYGC EVERLIGHT-45-21SYGC Datasheet
131Kb / 9P
   Mini TOP View LEDs
65-21UTC-S400-XX-TR8 EVERLIGHT-65-21UTC-S400-XX-TR8 Datasheet
515Kb / 10P
   Mini TOP View LEDs
EAPL2214GA0 EVERLIGHT-EAPL2214GA0 Datasheet
482Kb / 9P
   Mini Top View LEDs
EAPL3527BA4 EVERLIGHT-EAPL3527BA4 Datasheet
367Kb / 9P
   Mini Top View LEDs
EAPL2214GA0-AM EVERLIGHT-EAPL2214GA0-AM Datasheet
368Kb / 9P
   Mini Top View LEDs
65-21-UYC-S530-A4-TR8 EVERLIGHT-65-21-UYC-S530-A4-TR8 Datasheet
194Kb / 10P
   Mini TOP View LEDs
65-11-GBC-Y0V1AAN0E8 EVERLIGHT-65-11-GBC-Y0V1AAN0E8 Datasheet
325Kb / 9P
   Mini Top View LEDs
EAPL2214GA1 EVERLIGHT-EAPL2214GA1 Datasheet
316Kb / 9P
   Mini Top View LEDs
EAPL2214WA3 EVERLIGHT-EAPL2214WA3 Datasheet
407Kb / 13P
   Mini Top View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com