Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

64-135-REGHB7C-B01-2T Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 64-135-REGHB7C-B01-2T
Description  Luminosity Full Color LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

64-135-REGHB7C-B01-2T Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  64-135-REGHB7C-B01-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 64-135-REGHB7C-B01-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 64-135-REGHB7C-B01-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 64-135-REGHB7C-B01-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 64-135-REGHB7C-B01-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 64-135-REGHB7C-B01-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 64-135-REGHB7C-B01-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 64-135-REGHB7C-B01-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 64-135-REGHB7C-B01-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
64-135/REGHB7C-B01/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1.1
Page: 3 of 14
Device No. :
prepared date: 30-Apr-2007
prepared by: Josh Chou
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
RE
50
GH
30
Forward Current
IF
B7
30
mA
RE
100
GH
100
Peak Forward Current(Duty 1/10
@ 1KHz)
IFP
B7
100
mA
RE
120
GH
110
Power Dissipation
Pd
B7
110
mW
RE
2000
GH
2000
Electrostatic Discharge(HBM)
ESD
B7
2000
V
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40~ +90
Soldering Temperature
Tsol
Reflow Soldering : 260
for 10 sec.
Hand Soldering : 350
for 3 sec.


Similar Part No. - 64-135-REGHB7C-B01-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
64-135-R6GHBHC-A01-2T EVERLIGHT-64-135-R6GHBHC-A01-2T Datasheet
197Kb / 12P
   Luminosity Full Color LED
More results

Similar Description - 64-135-REGHB7C-B01-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
61-13-S3GHBHC-B04-ET EVERLIGHT-61-13-S3GHBHC-B04-ET Datasheet
225Kb / 14P
   Luminosity Full Color LED
61-136-REGHB7C-B01-ET EVERLIGHT-61-136-REGHB7C-B01-ET Datasheet
266Kb / 13P
   Luminosity Full Color LED
61-036-GBRSB7W-B06-ET EVERLIGHT-61-036-GBRSB7W-B06-ET Datasheet
226Kb / 15P
   Luminosity Full Color LED
61-23-R6GHBHC-A01 EVERLIGHT-61-23-R6GHBHC-A01 Datasheet
253Kb / 12P
   Luminosity Full Color LED
61-03-GBB7RSW-B06-ET EVERLIGHT-61-03-GBB7RSW-B06-ET Datasheet
260Kb / 15P
   Luminosity Full Color LED
R6SGHB7C-A02 EVERLIGHT-R6SGHB7C-A02 Datasheet
180Kb / 12P
   Luminosity Full Color LED
64-135-R6GHBHC-A01-2T EVERLIGHT-64-135-R6GHBHC-A01-2T Datasheet
197Kb / 12P
   Luminosity Full Color LED
EAPL32328RGBA0 EVERLIGHT-EAPL32328RGBA0 Datasheet
765Kb / 13P
   Luminosity Full Color LED
EAPL32328RGBA1 EVERLIGHT-EAPL32328RGBA1 Datasheet
497Kb / 13P
   Luminosity Full Color LED
61-23-S3SGHBHC-B14-ET EVERLIGHT-61-23-S3SGHBHC-B14-ET Datasheet
244Kb / 15P
   Luminosity Full Color LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com