Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60-21-R6C-AQ1R1B-3T Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # 60-21-R6C-AQ1R1B-3T
Description  0603 Package Chip LED (0.6mm Height)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

60-21-R6C-AQ1R1B-3T Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button 60-21-R6C-AQ1R1B-3T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 60-21-R6C-AQ1R1B-3T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 60-21-R6C-AQ1R1B-3T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 60-21-R6C-AQ1R1B-3T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 60-21-R6C-AQ1R1B-3T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 60-21-R6C-AQ1R1B-3T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 60-21-R6C-AQ1R1B-3T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 60-21-R6C-AQ1R1B-3T Datasheet HTML 10Page - Everlight Electronics Co., Ltd 60-21-R6C-AQ1R1B-3T Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
60-21/R6C-AQ1R1B/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 7 of 11
Device No. : DSE-601-
Prepared date: 18-Nov-2005
Prepared by: Jeff Tsai
Label explanation
CAT: Luminous Intensity Rank
HUE: Dom. Wavelength Rank
REF: Forward Voltage Rank
Reel Dimensions
Note: The tolerances unless mentioned is ±0.1mm , Unit = mm


Similar Part No. - 60-21-R6C-AQ1R1B-3T

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
60-2300 BUD-60-2300 Datasheet
100Kb / 1P
   SERIES 60 UPRIGHT CABINET RACK
60-2361 BUD-60-2361 Datasheet
61Kb / 1P
   KEYBOARD AND MOUSE SHELF ASSEMBLY
More results

Similar Description - 60-21-R6C-AQ1R1B-3T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-213-G6C-AP1Q2-3T EVERLIGHT-19-213-G6C-AP1Q2-3T Datasheet
205Kb / 10P
   0603 Package Chip LED(0.6mm Height)
19-213-Y2C-AP1Q2B-3T EVERLIGHT-19-213-Y2C-AP1Q2B-3T Datasheet
159Kb / 10P
   0603 Package Chip LED (0.6mm Height)
19-213-Y2C-CQ1R2-3T EVERLIGHT-19-213-Y2C-CQ1R2-3T Datasheet
131Kb / 10P
   0603 Package Chip LED (0.6mm Height)
19-213-R6C-AP1Q2B-3T EVERLIGHT-19-213-R6C-AP1Q2B-3T Datasheet
206Kb / 10P
   0603 Package Chip LED (0.6mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-213-Y2C-CP1Q2L-3T TO-GRACE-19-213-Y2C-CP1Q2L-3T Datasheet
1Mb / 10P
   0603 Package Chip LED (0.6mm Height)
19-213-Y2C-AP1Q2B-3T TO-GRACE-19-213-Y2C-AP1Q2B-3T Datasheet
902Kb / 10P
   0603 Package Chip LED (0.6mm Height)
logo
Everlight Electronics C...
19-213A-T1D-CP2Q2HY-3T EVERLIGHT-19-213A-T1D-CP2Q2HY-3T Datasheet
149Kb / 12P
   0603 Package Chip LED (0.6mm Height)
19-213-S2C-AN1P2B-3T EVERLIGHT-19-213-S2C-AN1P2B-3T Datasheet
140Kb / 10P
   0603 Package Chip LED(0.6mm Height)
19-213-Y2C-CN1P2-3T EVERLIGHT-19-213-Y2C-CN1P2-3T Datasheet
156Kb / 10P
   0603 Package Chip LED (0.6mm Height)
logo
TAITRON Components Inco...
TSP1-BF1608H6-L1M2Y TAITRON-TSP1-BF1608H6-L1M2Y Datasheet
385Kb / 9P
   0603 PACKAGE CHIP LED (0.6mm HEIGHT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com