Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT16VDDF12864HY-265 Datasheet(PDF) 10 Page - Micron Technology

Part # MT16VDDF12864HY-265
Description  SMALL-OUTLINE DDR SDRAM DIMM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT16VDDF12864HY-265 Datasheet(HTML) 10 Page - Micron Technology

Back Button MT16VDDF12864HY-265 Datasheet HTML 6Page - Micron Technology MT16VDDF12864HY-265 Datasheet HTML 7Page - Micron Technology MT16VDDF12864HY-265 Datasheet HTML 8Page - Micron Technology MT16VDDF12864HY-265 Datasheet HTML 9Page - Micron Technology MT16VDDF12864HY-265 Datasheet HTML 10Page - Micron Technology MT16VDDF12864HY-265 Datasheet HTML 11Page - Micron Technology MT16VDDF12864HY-265 Datasheet HTML 12Page - Micron Technology MT16VDDF12864HY-265 Datasheet HTML 13Page - Micron Technology MT16VDDF12864HY-265 Datasheet HTML 14Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
512MB, 1GB (x64)
200-PIN DDR SODIMM
09005aef80a646bc
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DDF16C64_128x64HG_B.fm - Rev. B 7/03 EN
10
©2003 Micron Technology, Inc.
NOTE:
1. For a burst length of two, A1-Ai select the two-data-ele-
ment block; A0 selects the first access within the block.
2. For a burst length of four, A2-Ai select the four-data-
element block; A0-A1 select the first access within the
block.
3. For a burst length of eight, A3-Ai select the eight-data-
element block; A0-A2 select the first access within the
block.
4. Whenever a boundary of the block is reached within a
given sequence above, the following access wraps
within the block.
5. i = 9 (512MB);
i = 9,11 (1GB)
Figure 6: CAS Latency Diagram
Operating Mode
The normal operating mode is selected by issuing a
MODE REGISTER SET command with bits A7–A12
each set to zero, and bits A0–A6 set to the desired val-
ues. A DLL reset is initiated by issuing a MODE REGIS-
TER SET command with bits A7 and A9–A12 each set
to zero, bit A8 set to one, and bits A0–A6 set to the
desired values. Although not required by the Micron
device, JEDEC specifications recommend when a
LOAD MODE REGISTER command is issued to reset
the DLL, it should always be followed by a LOAD
MODE REGISTER command to select normal operat-
ing mode.
All other combinations of values for A7–A12 are
reserved for future use and/or test modes. Test modes
and reserved states should not be used because
unknown operation or incompatibility with future ver-
sions may result.
Extended Mode Register
The extended mode register controls functions
beyond those controlled by the mode register; these
additional functions are DLL enable/disable and out-
put drive strength. These functions are controlled via
the bits shown in Figure 7, Extended Mode Register
Definition Diagram, on page 11. The extended mode
register is programmed via the LOAD MODE REGIS-
TER command to the mode register (with BA0 = 1 and
Table 6:
Burst Definition Table
BURST
LENGTH
STARTING
COLUMN
ADDRESS
ORDER OF ACCESSES WITHIN
A BURST
TYPE =
SEQUENTIAL
TYPE =
INTERLEAVED
2
A0
00-1
0-1
11-0
1-0
4
A1
A0
0
0
0-1-2-3
0-1-2-3
0
1
1-2-3-0
1-0-3-2
1
0
2-3-0-1
2-3-0-1
1
1
3-0-1-2
3-2-1-0
8
A2
A1
A0
0
0
0
0-1-2-3-4-5-6-7
0-1-2-3-4-5-6-7
0
0
1
1-2-3-4-5-6-7-0
1-0-3-2-5-4-7-6
0
1
0
2-3-4-5-6-7-0-1
2-3-0-1-6-7-4-5
0
1
1
3-4-5-6-7-0-1-2
3-2-1-0-7-6-5-4
1
0
0
4-5-6-7-0-1-2-3
4-5-6-7-0-1-2-3
1
0
1
5-6-7-0-1-2-3-4
5-4-7-6-1-0-3-2
1
1
0
6-7-0-1-2-3-4-5
6-7-4-5-2-3-0-1
1
1
1
7-0-1-2-3-4-5-6
7-6-5-4-3-2-1-0
Table 7:
CAS Latency (CL) Table
ALLOWABLE OPERATING
CLOCK FREQUENCY (MHZ)
SPEED
CL = 2
CL = 2.5
-335
75
£ f £ 133
75
£ f £ 167
-262
75
£ f £ 133
75
£ f £ 133
-26A
75
£ f £ 133
75
£ f £ 133
-265
75
£ f £ 100
75
£ f £ 133
-202
75
£ f £ 100
75
£ f £ 125
CK
CK#
COMMAND
DQ
DQS
CL = 2
READ
NOP
NOP
NOP
READ
NOP
NOP
NOP
Burst Length = 4 in the cases shown
Shown with nominal tAC, tDQSCK, and tDQSQ
CK
CK#
COMMAND
DQ
DQS
CL = 2.5
T0
T1
T2
T2n
T3
T3n
T0
T1
T2
T2n
T3
T3n
DON T CARE
TRANSITIONING DATA


Similar Part No. - MT16VDDF12864HY-265

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT16VDDF12864H MICRON-MT16VDDF12864H Datasheet
654Kb / 15P
   DDR SDRAM SODIMM
MT16VDDF12864HG MICRON-MT16VDDF12864HG Datasheet
654Kb / 15P
   DDR SDRAM SODIMM
More results

Similar Description - MT16VDDF12864HY-265

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT5VDDT1672HG MICRON-MT5VDDT1672HG Datasheet
301Kb / 16P
   DDR SDRAM Small-Outline DIMM
MT9VDDT1672A MICRON-MT9VDDT1672A Datasheet
542Kb / 29P
   DDR SDRAM DIMM
logo
Hynix Semiconductor
HYMD212G726ALS4-M HYNIX-HYMD212G726ALS4-M Datasheet
267Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726BLF8-J HYNIX-HYMD264G726BLF8-J Datasheet
276Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232G726L8-K HYNIX-HYMD232G726L8-K Datasheet
241Kb / 16P
   Registered DDR SDRAM DIMM
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD2326468-K HYNIX-HYMD2326468-K Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com