Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT16VDDF12864HY-26A Datasheet(PDF) 5 Page - Micron Technology

Part # MT16VDDF12864HY-26A
Description  SMALL-OUTLINE DDR SDRAM DIMM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT16VDDF12864HY-26A Datasheet(HTML) 5 Page - Micron Technology

  MT16VDDF12864HY-26A Datasheet HTML 1Page - Micron Technology MT16VDDF12864HY-26A Datasheet HTML 2Page - Micron Technology MT16VDDF12864HY-26A Datasheet HTML 3Page - Micron Technology MT16VDDF12864HY-26A Datasheet HTML 4Page - Micron Technology MT16VDDF12864HY-26A Datasheet HTML 5Page - Micron Technology MT16VDDF12864HY-26A Datasheet HTML 6Page - Micron Technology MT16VDDF12864HY-26A Datasheet HTML 7Page - Micron Technology MT16VDDF12864HY-26A Datasheet HTML 8Page - Micron Technology MT16VDDF12864HY-26A Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
512MB, 1GB (x64)
200-PIN DDR SODIMM
09005aef80a646bc
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DDF16C64_128x64HG_B.fm - Rev. B 7/03 EN
5
©2003 Micron Technology, Inc.
11, 25, 47, 61, 133, 147, 169,
183
DQS0-DQS7
Input/
Output
Data Strobe: Output with READ data, input with WRITE data.
DQS is edge-aligned with READ data, centered in WRITE data.
Used to capture data.
5, 6, 7, 8, 13, 14, 17, 18, 19,
20, 23, 24, 29, 30, 31, 32, 41,
42, 43, 44, 49, 50, 53, 54, 55,
56, 59, 60, 65, 66, 67, 68, 127,
128, 129, 130, 135, 136, 139,
140, 141, 142, 145, 146, 151,
152, 153, 154, 163, 164, 165,
166, 171, 172, 175, 176, 177,
178, 181, 182, 187, 188, 189,
190
DQ0-DQ63
Input/
Output
Data I/Os: Data bus.
9, 10, 21, 22, 33, 34, 36, 45,
46, 57, 58, 69, 70, 81, 82, 92,
93, 94, 113, 114, 131, 132,
143, 144, 155, 156, 157, 167,
168, 179, 180, 191, 192
VDD
Supply
Power Supply: +2.5V ±0.2V.
3, 4, 15, 16, 27, 28, 38, 39, 40,
51, 52, 63, 64, 75, 76, 87, 88,
90, 103, 104, 125, 126, 137,
138, 149, 150, 159, 161, 162,
173, 174, 185, 186, 200
VSS
Supply
Ground.
197
VDDSPD
Supply
Serial EEPROM positive power supply: +2.3V to +3.6V
85, 97, 98, 123, 124, 199
NC
No Connect: These pins should be left unconnected.
71, 72, 73, 74, 77, 78, 79, 80,
83, 84, 86, 89, 91
DNU
Do Not Use: These pins are not connected on this module, but
are assigned pins on other modules in this product family.
Table 5:
Pin Descriptions (Continued)
Pin numbers may not correlate with symbols. Refer to Pin Assignment Tables on page 3 for more information
PIN NUMBERS
SYMBOL
TYPE
DESCRIPTION


Similar Part No. - MT16VDDF12864HY-26A

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT16VDDF12864H MICRON-MT16VDDF12864H Datasheet
654Kb / 15P
   DDR SDRAM SODIMM
MT16VDDF12864HG MICRON-MT16VDDF12864HG Datasheet
654Kb / 15P
   DDR SDRAM SODIMM
More results

Similar Description - MT16VDDF12864HY-26A

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT5VDDT1672HG MICRON-MT5VDDT1672HG Datasheet
301Kb / 16P
   DDR SDRAM Small-Outline DIMM
MT9VDDT1672A MICRON-MT9VDDT1672A Datasheet
542Kb / 29P
   DDR SDRAM DIMM
logo
Hynix Semiconductor
HYMD212G726ALS4-M HYNIX-HYMD212G726ALS4-M Datasheet
267Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726BLF8-J HYNIX-HYMD264G726BLF8-J Datasheet
276Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232G726L8-K HYNIX-HYMD232G726L8-K Datasheet
241Kb / 16P
   Registered DDR SDRAM DIMM
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD2326468-K HYNIX-HYMD2326468-K Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com