Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

57-21SUBC-B015-TR8 Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # 57-21SUBC-B015-TR8
Description  Technical Data Sheet(Preminary) Side View SMD LEDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

57-21SUBC-B015-TR8 Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

  57-21SUBC-B015-TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 57-21SUBC-B015-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 57-21SUBC-B015-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 57-21SUBC-B015-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 57-21SUBC-B015-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 57-21SUBC-B015-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 57-21SUBC-B015-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 57-21SUBC-B015-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 57-21SUBC-B015-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 8 of 9
Device No. :
Prepared Date:28-Jul-2006
Prepared by:Ray Yuan
57-21SUBC/B015/TR8
Carrier Tape Dimensions: Loaded quantity 800 PCS per reel.
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm
Moisture Resistant Packaging
Label
Desiccant
Label
Aluminum moisture-proof bag


Similar Part No. - 57-21SUBC-B015-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
57-21SUGC-B013-TR8 EVERLIGHT-57-21SUGC-B013-TR8 Datasheet
184Kb / 9P
   Technical Data Sheet(Preminary) Side View SMD LEDs
57-21SUGC/B013/TR8 EVERLIGHT-57-21SUGC/B013/TR8 Datasheet
184Kb / 9P
   Technical Data Sheet(Preminary) Side View SMD LEDs
57-21SURC-S530-XX-TR8 EVERLIGHT-57-21SURC-S530-XX-TR8 Datasheet
181Kb / 10P
   Side View Red SMD LEDs
More results

Similar Description - 57-21SUBC-B015-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
57-21SUGC-B013-TR8 EVERLIGHT-57-21SUGC-B013-TR8 Datasheet
184Kb / 9P
   Technical Data Sheet(Preminary) Side View SMD LEDs
GBC-YV2W2N EVERLIGHT-GBC-YV2W2N Datasheet
269Kb / 10P
   Technical Data Sheet Top View LEDs
Y2C-AP2R2L EVERLIGHT-Y2C-AP2R2L Datasheet
242Kb / 10P
   Technical Data Sheet Top View LEDs
R6C-AU2W1B EVERLIGHT-R6C-AU2W1B Datasheet
161Kb / 10P
   Technical Data Sheet Top View LEDs
67-21R6C-AP2R1B2A0 EVERLIGHT-67-21R6C-AP2R1B2A0 Datasheet
204Kb / 10P
   Technical Data Sheet Reverse Top View LEDs
67-B21SURC-S400-E13-TR8 EVERLIGHT-67-B21SURC-S400-E13-TR8 Datasheet
128Kb / 9P
   Technical Data Sheet TOP View LEDs(Preliminary)
B7C-AS2U1N EVERLIGHT-B7C-AS2U1N_13 Datasheet
284Kb / 10P
   Technical Data Sheet Reverse Package Top View LEDs
67-31H EVERLIGHT-67-31H Datasheet
250Kb / 11P
   Technical Data Sheet Power Top View LEDs With Lens
67-21UBC-B040-TR8-AM EVERLIGHT-67-21UBC-B040-TR8-AM Datasheet
211Kb / 10P
   Technical Data Sheet -Top View LED
57-21SYGC-S530-E3-TR8 EVERLIGHT-57-21SYGC-S530-E3-TR8 Datasheet
165Kb / 10P
   Side View Red SMD LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com