Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAD2708L-35Q68 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # KAD2708L-35Q68
Description  8-Bit, 350MSPS Analog-to-Digital Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAD2708L-35Q68 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button KAD2708L-35Q68 Datasheet HTML 6Page - List of Unclassifed Manufacturers KAD2708L-35Q68 Datasheet HTML 7Page - List of Unclassifed Manufacturers KAD2708L-35Q68 Datasheet HTML 8Page - List of Unclassifed Manufacturers KAD2708L-35Q68 Datasheet HTML 9Page - List of Unclassifed Manufacturers KAD2708L-35Q68 Datasheet HTML 10Page - List of Unclassifed Manufacturers KAD2708L-35Q68 Datasheet HTML 11Page - List of Unclassifed Manufacturers KAD2708L-35Q68 Datasheet HTML 12Page - List of Unclassifed Manufacturers KAD2708L-35Q68 Datasheet HTML 13Page - List of Unclassifed Manufacturers KAD2708L-35Q68 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
KAD2708L 8-Bit, 350MSPS Analog-to-Digital Converter
Rev 1.2
Page 10 of 17
AVDD3=3.3V, AVDD2=OVDD2 =1.8V, TAMBIENT (TA)=25°C, fSAMPLE=350MHz, VIN= 6.865MHz @ -0.5dBFS unless noted.
Figure 9. SFDR vs. fSAMPLE
Figure 10. Differential Nonlinearity vs. Output Code
Figure 11. Integral Nonlinearity vs. Output Code
Figure 12. Noise Histogram
Figure 13. Output Spectrum at 6.865MHz
Figure 14. Output Spectrum at 68.465MHz
0
32
64
96
128
160
192
224
255
-0.5
-0.25
0
0.25
0.5
code
0
32
64
96
128
160
192
224
255
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
code
125
126
127
128
129
130
0
5,000
10,000
15,000
20,000
25,000
30,000
35,000
40,000
Code
0
20
40
60
80
100
120
140
160
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency (MHz)
Vin = -0.50dBFS
SNR = -48.4dB
SFDR = 64.5dBc
SINAD = 48.2dB
HD2 = -81dBc
HD3 = -66dBc
0
20
40
60
80
100
120
140
160
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency (MHz)
Vin = -0.49dBFS
SNR = 48.1dB
SFDR = 67.5dBc
SINAD = 48.1dB
HD2 = -78dBc
HD3 = -71dBc
67
68
69
70
71
72
50
75 100 125 150 175 200 225 250 275 300 325 350
f
SAMPLE (MHz)


Similar Part No. - KAD2708L-35Q68

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD2708L-35Q68 INTERSIL-KAD2708L-35Q68 Datasheet
338Kb / 15P
   8-Bit, 350/275/210/170/105MSPS A/D Converter
KAD2708L-35Q68 INTERSIL-KAD2708L-35Q68 Datasheet
622Kb / 16P
   8-Bit, 350/275/210/170/105MSPS A/D Converter
logo
Renesas Technology Corp
KAD2708L-35Q68 RENESAS-KAD2708L-35Q68 Datasheet
801Kb / 17P
   8-Bit, 350/275/210/170/105MSPS A/D Converter
More results

Similar Description - KAD2708L-35Q68

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Toshiba Semiconductor
TC5093AP TOSHIBA-TC5093AP Datasheet
154Kb / 6P
   8 BIT ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
TL5602 TI-TL5602 Datasheet
85Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
TDA5702 ETC1-TDA5702 Datasheet
147Kb / 4P
   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
MATV-0820 AD-MATV-0820_15 Datasheet
1Mb / 4P
   8-bit video analog to digital converter
logo
List of Unclassifed Man...
KAD2708C ETC2-KAD2708C Datasheet
436Kb / 17P
   8-Bit, 275MSPS Analog-to-Digital Converter
logo
Texas Instruments
DAC908 TI1-DAC908 Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Samsung semiconductor
KB2516 SAMSUNG-KB2516 Datasheet
250Kb / 30P
   TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
MATV-0816 AD-MATV-0816_15 Datasheet
1Mb / 4P
   8-Bit Video Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com