Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAD2708L-21Q68 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # KAD2708L-21Q68
Description  8-Bit, 350MSPS Analog-to-Digital Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KAD2708L-21Q68 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button KAD2708L-21Q68 Datasheet HTML 7Page - List of Unclassifed Manufacturers KAD2708L-21Q68 Datasheet HTML 8Page - List of Unclassifed Manufacturers KAD2708L-21Q68 Datasheet HTML 9Page - List of Unclassifed Manufacturers KAD2708L-21Q68 Datasheet HTML 10Page - List of Unclassifed Manufacturers KAD2708L-21Q68 Datasheet HTML 11Page - List of Unclassifed Manufacturers KAD2708L-21Q68 Datasheet HTML 12Page - List of Unclassifed Manufacturers KAD2708L-21Q68 Datasheet HTML 13Page - List of Unclassifed Manufacturers KAD2708L-21Q68 Datasheet HTML 14Page - List of Unclassifed Manufacturers KAD2708L-21Q68 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
KAD2708L 8-Bit, 350MSPS Analog-to-Digital Converter
Rev 1.2
Page 11 of 17
AVDD3 = 3.3V, AVDD2 = OVDD2 =1.8V, TAMBIENT (TA)= 25°C, fSAMPLE = 350MHz unless noted.
Figure 15. Output Spectrum at 174.905MHz
Figure 16. Output Spectrum at 175.105MHz
Figure 17. Output Spectrum at 492.965MHz
0
20
40
60
80
100
120
140
160
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency (MHz)
Vin = -0.52dBFS
SNR = 47.7dB
SFDR = 68.2dBc
SINAD = 47.6dB
HD2 = -81dBc
HD3 = -69dBc
0
20
40
60
80
100
120
140
160
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency (MHz)
Vin = -0.50dBFS
SNR = 48dB
SFDR = 65.8dBc
SINAD = 47.9dB
HD2 = -73dBc
HD3 = -67.1dBc
0
20
40
60
80
100
120
140
160
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency (MHz)
Vin = 0.50dBFS
SNR = 48.0dB
SFDR = 65.8dBc
SINAD = 46.8dB
HD2 = -73dBc
HD3 = -67.1dBc


Similar Part No. - KAD2708L-21Q68

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD2708L-21Q68 INTERSIL-KAD2708L-21Q68 Datasheet
338Kb / 15P
   8-Bit, 350/275/210/170/105MSPS A/D Converter
KAD2708L-21Q68 INTERSIL-KAD2708L-21Q68 Datasheet
622Kb / 16P
   8-Bit, 350/275/210/170/105MSPS A/D Converter
logo
Renesas Technology Corp
KAD2708L-21Q68 RENESAS-KAD2708L-21Q68 Datasheet
801Kb / 17P
   8-Bit, 350/275/210/170/105MSPS A/D Converter
More results

Similar Description - KAD2708L-21Q68

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Toshiba Semiconductor
TC5093AP TOSHIBA-TC5093AP Datasheet
154Kb / 6P
   8 BIT ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
TL5602 TI-TL5602 Datasheet
85Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
TDA5702 ETC1-TDA5702 Datasheet
147Kb / 4P
   8-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
MATV-0820 AD-MATV-0820_15 Datasheet
1Mb / 4P
   8-bit video analog to digital converter
logo
List of Unclassifed Man...
KAD2708C ETC2-KAD2708C Datasheet
436Kb / 17P
   8-Bit, 275MSPS Analog-to-Digital Converter
logo
Texas Instruments
DAC908 TI1-DAC908 Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Samsung semiconductor
KB2516 SAMSUNG-KB2516 Datasheet
250Kb / 30P
   TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
MATV-0816 AD-MATV-0816_15 Datasheet
1Mb / 4P
   8-Bit Video Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com