Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V29C51004T Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # V29C51004T
Description  4 MEGABIT 524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V29C51004T Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  V29C51004T Datasheet HTML 1Page - Mosel Vitelic, Corp V29C51004T Datasheet HTML 2Page - Mosel Vitelic, Corp V29C51004T Datasheet HTML 3Page - Mosel Vitelic, Corp V29C51004T Datasheet HTML 4Page - Mosel Vitelic, Corp V29C51004T Datasheet HTML 5Page - Mosel Vitelic, Corp V29C51004T Datasheet HTML 6Page - Mosel Vitelic, Corp V29C51004T Datasheet HTML 7Page - Mosel Vitelic, Corp V29C51004T Datasheet HTML 8Page - Mosel Vitelic, Corp V29C51004T Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MOSEL VITELIC
1
V29C51004T/V29C51004B
4 MEGABIT (524,288 x 8 BIT)
5 VOLT CMOS FLASH MEMORY
PRELIMINARY
V29C51004T/V29C51004B Rev. 1.5 October 2000
Features
s 512Kx8-bit Organization
s Address Access Time: 70, 90 ns
s Single 5V
± 10% Power Supply
s Sector Erase Mode Operation
s 16KB Boot Block (lockable)
s 1K bytes per Sector, 512 Sectors
– Sector-Erase Cycle Time: 10ms (Max)
– Byte-Write Cycle Time: 20
µs (Max)
s Minimum 10,000 Erase-Program Cycles
s Low power dissipation
– Active Read Current: 20mA (Typ)
– Active Program Current: 30mA (Typ)
– Standby Current: 50
µA (Max)
s Hardware Data Protection
s Low VCC Program Inhibit Below 3.5V
s Self-timed write/erase operations with end-of-
cycle detection
– DATA Polling
– Toggle Bit
s CMOS and TTL Interface
s Available in two versions
– V29C51004T (Top Boot Block)
– V29C51004B (Bottom Boot Block)
s Packages:
– 32-pin TSOP-I
– 32-pin PLCC
Description
The V29C51004T/V29C51004B is a high speed
524,288 x 8 bit CMOS flash memory. Writing or
erasing the device is done with a single 5 Volt
power supply. The device has separate chip enable
CE, write enable WE, and output enable OE
controls to eliminate bus contention.
The V29C51004T/V29C51004B offers a combi-
nation of: Boot Block with Sector Erase/Write
Mode. The end of write/erase cycle is detected by
DATA Polling of I/O7 or by the Toggle Bit I/O6.
The V29C51004T/V29C51004B features a
sector erase operation which allows each sector to
be erased and reprogrammed without affecting
data stored in other sectors. The device also
supports full chip erase.
Boot block architecture enables the device to
boot from a protected sector located either at the
top (V29C51004T) or the bottom (V29C51004B).
All inputs and outputs are CMOS and TTL
compatible.
The V29C51004T/V29C51004B is ideal for
applications that require updatable code and data
storage.
Device Usage Chart
Operating
Temperature Range
Package Outline
Access Time (ns)
Temperature
Mark
T
J
70
90
0
°C to 70°C
••••
Blank


Similar Part No. - V29C51004T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C51000B MOSEL-V29C51000B Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51000B-45J MOSEL-V29C51000B-45J Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51000B-45P MOSEL-V29C51000B-45P Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51000B-45T MOSEL-V29C51000B-45T Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51000B-70J MOSEL-V29C51000B-70J Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
More results

Similar Description - V29C51004T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S29C51004B ETC1-S29C51004B Datasheet
3Mb / 16P
   4 MEGABIT (524,288 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
logo
Mosel Vitelic, Corp
V29C31004T MOSEL-V29C31004T Datasheet
68Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 3.3 VOLT CMOS FLASH MEMORY
V29C51400T MOSEL-V29C51400T Datasheet
69Kb / 16P
   4 MEGABIT 262,144 x 16 BIT/524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM29F040 AMD-AM29F040 Datasheet
446Kb / 33P
   4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
Mosel Vitelic, Corp
V29LC51001 MOSEL-V29LC51001 Datasheet
52Kb / 12P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51002T MOSEL-V29C51002T Datasheet
74Kb / 16P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29LC51002 MOSEL-V29LC51002 Datasheet
52Kb / 12P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51001T MOSEL-V29C51001T Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
Advanced Micro Devices
AM29LV800T AMD-AM29LV800T Datasheet
207Kb / 48P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 3.0 Volt-only, Sectored Flash Memory
logo
List of Unclassifed Man...
S29C51001T ETC1-S29C51001T Datasheet
7Mb / 16P
   1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com