Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313-2SYGD-S530-E3 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 313-2SYGD-S530-E3
Description  4.7mm Round Type LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

313-2SYGD-S530-E3 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  313-2SYGD-S530-E3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 313-2SYGD-S530-E3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 313-2SYGD-S530-E3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 313-2SYGD-S530-E3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 313-2SYGD-S530-E3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 313-2SYGD-S530-E3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Technical Data Sheet
4.7mm Round Type LED Lamps
Typical Electro-Optical Characteristic Curves:
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
1
Page: 4 of 6
Device Number :
CDLE-031-150
Prepared date:
2006/6/6
Prepared by:
Xiuzhen Feng
313-2SYGD/S530-E3


Similar Part No. - 313-2SYGD-S530-E3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
313-2SYGD-S530-E2 EVERLIGHT-313-2SYGD-S530-E2 Datasheet
185Kb / 6P
   4.7mm Round Type LED Lamps
313-2SYGD-S530-E2 EVERLIGHT-313-2SYGD-S530-E2 Datasheet
174Kb / 6P
   4.7mm Round Type LED Lamps
More results

Similar Description - 313-2SYGD-S530-E3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
313-2SDRD-S530-A3 EVERLIGHT-313-2SDRD-S530-A3 Datasheet
102Kb / 6P
   4.7mm Round Type LED Lamps
313-2UYT-S530-A3 EVERLIGHT-313-2UYT-S530-A3 Datasheet
82Kb / 4P
   4.7mm Round Type LED Lamps
313-2SYGD-S530-E2 EVERLIGHT-313-2SYGD-S530-E2 Datasheet
174Kb / 6P
   4.7mm Round Type LED Lamps
313-2SURT-S530-A3 EVERLIGHT-313-2SURT-S530-A3 Datasheet
86Kb / 6P
   4.7mm Round Type LED Lamps
313-2SYGD-S530-E2 EVERLIGHT-313-2SYGD-S530-E2 Datasheet
185Kb / 6P
   4.7mm Round Type LED Lamps
A93B-SUR-S530-A3 EVERLIGHT-A93B-SUR-S530-A3_15 Datasheet
107Kb / 6P
   4.7mm Round Type LED Lamps
A93B-SUR-S530-A3 EVERLIGHT-A93B-SUR-S530-A3 Datasheet
107Kb / 6P
   4.7mm Round Type LED Lamps
A1643B-SUR-S530-A3 EVERLIGHT-A1643B-SUR-S530-A3 Datasheet
117Kb / 7P
   4.7mm Round Type LED Lamps
313-2UYD-S530-A3 EVERLIGHT-313-2UYD-S530-A3 Datasheet
98Kb / 6P
   4.7mm Round Type LED Lamps
A93B-UY-S530-A3 EVERLIGHT-A93B-UY-S530-A3 Datasheet
122Kb / 7P
   4.7mm Round Type LED Lamps
A2703B-SYG-S530-E2 EVERLIGHT-A2703B-SYG-S530-E2 Datasheet
98Kb / 6P
   4.7mm Round Type LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com