Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

264-15-T2C4-1NRB Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # 264-15-T2C4-1NRB
Description  3 mm Round LED (T-1)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

264-15-T2C4-1NRB Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  264-15-T2C4-1NRB Datasheet HTML 1Page - Everlight Electronics Co., Ltd 264-15-T2C4-1NRB Datasheet HTML 2Page - Everlight Electronics Co., Ltd 264-15-T2C4-1NRB Datasheet HTML 3Page - Everlight Electronics Co., Ltd 264-15-T2C4-1NRB Datasheet HTML 4Page - Everlight Electronics Co., Ltd 264-15-T2C4-1NRB Datasheet HTML 5Page - Everlight Electronics Co., Ltd 264-15-T2C4-1NRB Datasheet HTML 6Page - Everlight Electronics Co., Ltd 264-15-T2C4-1NRB Datasheet HTML 7Page - Everlight Electronics Co., Ltd 264-15-T2C4-1NRB Datasheet HTML 8Page - Everlight Electronics Co., Ltd 264-15-T2C4-1NRB Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DATASHEET
LAMP
264-15/T2C4-1NRB
7
Copyright © 2010, Everlight All Rights Reserved. Release Date : May.03, 2013. Issue No: DLE-0000350_Rev.6
www.everlight.com
Pb
EL ECTR OSTATIC ELECTR ONAGNET IC
MAGNETIC OR RADIOACTIVE RELDS
anti-static for 750
Moisture Resistant Packing Materials
Label Explanation
‧CPN: Customer’s Production Number
‧P/N : Production Number
‧QTY: Packing Quantity
‧CAT: Ranks of Luminous Intensity and Forward Voltage
‧HUE: Color Rank
REF: Reference
LOT No: Lot Number
Packing Specification
Anti-electrostatic bag
Inner Carton
Outside Carton
Packing Quantity
1. Min 200 to Max 1000 PCS/1 Bag, 5 Bags/1 Inner Carton
2. 10 Inner Cartons/1 Outside Carton


Similar Part No. - 264-15-T2C4-1NRB

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB Datasheet
368Kb / 11P
   LAMP
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB_08 Datasheet
257Kb / 11P
   Popular T-1 round package
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB_11 Datasheet
252Kb / 12P
   3 mm Round LED (T-1)
More results

Similar Description - 264-15-T2C4-1NRB

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9_13 Datasheet
123Kb / 8P
   3 mm Round LED (T-1)
234 EVERLIGHT-234 Datasheet
101Kb / 8P
   3 mm Round LED (T-1)
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB_11 Datasheet
252Kb / 12P
   3 mm Round LED (T-1)
234-T2C3-1PSB EVERLIGHT-234-T2C3-1PSB Datasheet
101Kb / 8P
   3 mm Round LED (T-1)
204-15-T2C3-1LQA EVERLIGHT-204-15-T2C3-1LQA Datasheet
105Kb / 10P
   3 mm Round White LED (T-1)
204-15-T2C3-4LQA EVERLIGHT-204-15-T2C3-4LQA Datasheet
101Kb / 9P
   3 mm Round White LED (T-1)
484-10UTC-S400-A6 EVERLIGHT-484-10UTC-S400-A6 Datasheet
208Kb / 6P
   3 mm Round LED (T-1 3/4 )
logo
IDEA.lnc.
JRC2381 IDEA-JRC2381 Datasheet
37Kb / 1P
   T-1, 3 mm Round
IID2351 IDEA-IID2351 Datasheet
35Kb / 2P
   T-1, 3 mm Round
IUBC2381 IDEA-IUBC2381 Datasheet
37Kb / 2P
   T-1, 3 mm Round
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com