Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

264-7SURC-S530-A4 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 264-7SURC-S530-A4
Description  3.0mm Round Type LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

264-7SURC-S530-A4 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  264-7SURC-S530-A4 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 264-7SURC-S530-A4 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 264-7SURC-S530-A4 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 264-7SURC-S530-A4 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 264-7SURC-S530-A4 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 264-7SURC-S530-A4 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 264-7SURC-S530-A4 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Technical Data Sheet
3.0mm Round Type LED Lamps
264-7SURC/S530-A4
Package Dimensions
Notes: 1.All dimensions are in millimetres
2. The height of flange must be less than 1.5mm(0.059").
3. Without special declared,the tolerance is ±0.25mm.
█ Absolute Maximum Ratings at Ta = 25℃
Parameter
Symbol
Rating
Unit
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-40 to +100
Soldering Temperature
Tsol
260 ± 5
Power Dissipation
Pd
120
mW
Peak Forward Current
IF(Peak)
100
mA
Reverse Voltage
VR
5V
Note: *1:IFP Conditions --Pulse Width ≦ 1msec and Duty ≦ 1/10.
*2:Soldering time ≦ 5 seconds.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.: 3
Page: 2 of 6
Device Number :
CDLE-042-058
Prepared date:
Prepared by:
Lian Xiang You
2005/8/8


Similar Part No. - 264-7SURC-S530-A4

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
264-7SURC-S530-A3 EVERLIGHT-264-7SURC-S530-A3 Datasheet
138Kb / 7P
   3.0mm Round Type LED Lamps
264-7SURC-S530-A5 EVERLIGHT-264-7SURC-S530-A5 Datasheet
137Kb / 7P
   3.0mm Round Type LED Lamps
More results

Similar Description - 264-7SURC-S530-A4

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
204-10SYGD-S530-E3 EVERLIGHT-204-10SYGD-S530-E3 Datasheet
101Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYOC-S530-A3 EVERLIGHT-204-10UYOC-S530-A3 Datasheet
156Kb / 7P
   3.0mm Round Type LED Lamps
DLE-0001704 EVERLIGHT-DLE-0001704 Datasheet
120Kb / 6P
   3.0mm Round Type LED Lamps
1224-10UYT-S530-A3 EVERLIGHT-1224-10UYT-S530-A3 Datasheet
116Kb / 6P
   3.0mm Round Type LED Lamps
1254-10UYD-S530-A3 EVERLIGHT-1254-10UYD-S530-A3 Datasheet
102Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYD-S530-A3 EVERLIGHT-204-10UYD-S530-A3 Datasheet
138Kb / 7P
   3.0mm Round Type LED Lamps
1254-10SDRD-S530-A3 EVERLIGHT-1254-10SDRD-S530-A3 Datasheet
123Kb / 6P
   3.0mm Round Type LED Lamps
1254-10SYGD-S530-E2 EVERLIGHT-1254-10SYGD-S530-E2 Datasheet
98Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYD-S530-A3-L EVERLIGHT-204-10UYD-S530-A3-L Datasheet
110Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYT-S530-A3 EVERLIGHT-204-10UYT-S530-A3_05 Datasheet
99Kb / 6P
   3.0mm Round Type LED Lamps
A264B-SUR-S530-A3-F14-9 EVERLIGHT-A264B-SUR-S530-A3-F14-9 Datasheet
108Kb / 6P
   3.0mm Round Type LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com