Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

209SURSYGW-S530-A3 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # 209SURSYGW-S530-A3
Description  3.0mm Multi-Color Round Type LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

209SURSYGW-S530-A3 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  209SURSYGW-S530-A3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 209SURSYGW-S530-A3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 209SURSYGW-S530-A3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 209SURSYGW-S530-A3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 209SURSYGW-S530-A3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 209SURSYGW-S530-A3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 209SURSYGW-S530-A3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Technical Data Sheet
3.0mm Multi-Color Round Type LED Lamps
Reliability test items and conditions:
The reliability of products shall be satisfied with items listed below.
Confidence level:97%
LTPD:3%
NO
Item
Test Conditions
Sample
Size
Failure
Judgment
Criteria
1
Solder Heat
TEMP : 260℃ ± 5 ℃
76 PCS
H : +100℃ 15min
2
Temperature Cycle
∫ 5 min
76 PCS
L : -40℃ 15min
H : +100℃ 5min
Thermal Shock
∫ 10 sec
76 PCS
L : -10℃ 5min
4
High Temperature
Storage
TEMP : 100℃
76 PCS
5
Low Temperature
Storage
TEMP : -40℃
76 PCS
TEMP : 25℃
7
High Temperature /
High Humidity
85℃ / 85% RH
76 PCS
Note: Ivt:To test Iv value of the chip before the reliablility test
Iv:The test value of the chip that has completed the reliablility test
U:Upper Specification Limit
L: Lower Specification Limit
EVERLIGHT ELECTRONICS CO.,LTDhttp : //www.everlight.com
Rev.:
2
Page:
6 of 7
Device Number :
CDLE-020-409
Prepared date
Prepared by:
ZHENXIA QU
209SURSYGW/S530-A3
1000 HRS
0/1
2006/6/26
0/1
1000 HRS
0/1
0/1
Test
Hours/Cycle
Ac/Re
DC Operating Life
1000 HRS
76 PCS
IF = 20mA
3
10 SEC
Iv≦
Ivt*0.5 or
Vf≧U
or
Vf≦L
0/1
300 CYCLES
0/1
300 CYCLES
0/1
1000 HRS
6


Similar Part No. - 209SURSYGW-S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
209SURSYGC-S530-A3 EVERLIGHT-209SURSYGC-S530-A3 Datasheet
188Kb / 8P
   3.0mm Multi-Color Roung Type LED Lamps
209SURSYGC-S530-A3 EVERLIGHT-209SURSYGC-S530-A3 Datasheet
188Kb / 8P
   3.0mm Multi-Color Roung Type LED Lamps
More results

Similar Description - 209SURSYGW-S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
204SDRSYGW-S530-A3 EVERLIGHT-204SDRSYGW-S530-A3 Datasheet
132Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
1259-7SDRSYGW-S530-A3 EVERLIGHT-1259-7SDRSYGW-S530-A3 Datasheet
142Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
1259-7UYSYGW EVERLIGHT-1259-7UYSYGW Datasheet
127Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
1259-7SDRSYGW EVERLIGHT-1259-7SDRSYGW Datasheet
141Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
209UYOSUGC-S530-A3 EVERLIGHT-209UYOSUGC-S530-A3 Datasheet
131Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
1259-7SURSYGW EVERLIGHT-1259-7SURSYGW Datasheet
135Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
1259-7UYSYGW-S530-A3 EVERLIGHT-1259-7UYSYGW-S530-A3 Datasheet
139Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
209SDRSYGW-S530-A3 EVERLIGHT-209SDRSYGW-S530-A3 Datasheet
131Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
204UYSYGW-S530-A3 EVERLIGHT-204UYSYGW-S530-A3 Datasheet
135Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
209UYOSUGC-S530-A3 EVERLIGHT-209UYOSUGC-S530-A3 Datasheet
131Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com