Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

204-15-T2C3-1LQA Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 204-15-T2C3-1LQA
Description  3 mm Round White LED (T-1)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

204-15-T2C3-1LQA Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  204-15-T2C3-1LQA Datasheet HTML 1Page - Everlight Electronics Co., Ltd 204-15-T2C3-1LQA Datasheet HTML 2Page - Everlight Electronics Co., Ltd 204-15-T2C3-1LQA Datasheet HTML 3Page - Everlight Electronics Co., Ltd 204-15-T2C3-1LQA Datasheet HTML 4Page - Everlight Electronics Co., Ltd 204-15-T2C3-1LQA Datasheet HTML 5Page - Everlight Electronics Co., Ltd 204-15-T2C3-1LQA Datasheet HTML 6Page - Everlight Electronics Co., Ltd 204-15-T2C3-1LQA Datasheet HTML 7Page - Everlight Electronics Co., Ltd 204-15-T2C3-1LQA Datasheet HTML 8Page - Everlight Electronics Co., Ltd 204-15-T2C3-1LQA Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Technical Data Sheet
3 mm Round White LED (T-1)
204-15/T2C3-1LQA
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev
1
Page: 1 of 10
Device Number: DLE-020-413
Established date: 05-31-2007
Established by: Amy Ma
Features
․Popular T-1 colorless 3mm package.
․High luminous power.
․Typical chromaticity coordinates x=0.29, y=0.28
according to CIE1931.
․Bulk, available taped on reel.
․The product itself will remain within RoHS compliant version.
Descriptions
․The series is designed for application required
high luminous intensity.
․The phosphor filled in the reflector converts the
blue emission of InGaN chip to ideal white.
Applications
․Message panels
․Optical Indicators
․Backlighting
․Marker Lights
Device Selection Guide
Chip
PART NO.
Material
Emitted Color
Lens Color
204-15/T2C3-1LQA
InGaN
White
Water Clear


Similar Part No. - 204-15-T2C3-1LQA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
204-15-T2C3-2LQA EVERLIGHT-204-15-T2C3-2LQA Datasheet
384Kb / 12P
   Popular T-1 round package
204-15-T2C3-4LQA EVERLIGHT-204-15-T2C3-4LQA Datasheet
101Kb / 9P
   3 mm Round White LED (T-1)
204-15-T2C3-4LQA EVERLIGHT-204-15-T2C3-4LQA Datasheet
360Kb / 11P
   LAMP
204-15-T2C3-4LQA EVERLIGHT-204-15-T2C3-4LQA_09 Datasheet
386Kb / 12P
   Popular T-1 round package
204-15-T2C3-4NQA EVERLIGHT-204-15-T2C3-4NQA Datasheet
380Kb / 12P
   Popular T-1 round package
More results

Similar Description - 204-15-T2C3-1LQA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
204-15-T2C3-4LQA EVERLIGHT-204-15-T2C3-4LQA Datasheet
101Kb / 9P
   3 mm Round White LED (T-1)
T2C5-1MQB EVERLIGHT-T2C5-1MQB Datasheet
133Kb / 10P
   5 mm Round White LED (T-1 3/4)
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9_13 Datasheet
123Kb / 8P
   3 mm Round LED (T-1)
234 EVERLIGHT-234 Datasheet
101Kb / 8P
   3 mm Round LED (T-1)
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB Datasheet
101Kb / 9P
   3 mm Round LED (T-1)
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB_11 Datasheet
252Kb / 12P
   3 mm Round LED (T-1)
234-T2C3-1PSB EVERLIGHT-234-T2C3-1PSB Datasheet
101Kb / 8P
   3 mm Round LED (T-1)
484-10UTC-S400-A6 EVERLIGHT-484-10UTC-S400-A6 Datasheet
208Kb / 6P
   3 mm Round LED (T-1 3/4 )
logo
IDEA.lnc.
JRC2381 IDEA-JRC2381 Datasheet
37Kb / 1P
   T-1, 3 mm Round
IID2351 IDEA-IID2351 Datasheet
35Kb / 2P
   T-1, 3 mm Round
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com