Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

204-15-T1C2-2QTA Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # 204-15-T1C2-2QTA
Description  Popular T-1 colorless package.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

204-15-T1C2-2QTA Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button 204-15-T1C2-2QTA Datasheet HTML 2Page - Everlight Electronics Co., Ltd 204-15-T1C2-2QTA Datasheet HTML 3Page - Everlight Electronics Co., Ltd 204-15-T1C2-2QTA Datasheet HTML 4Page - Everlight Electronics Co., Ltd 204-15-T1C2-2QTA Datasheet HTML 5Page - Everlight Electronics Co., Ltd 204-15-T1C2-2QTA Datasheet HTML 6Page - Everlight Electronics Co., Ltd 204-15-T1C2-2QTA Datasheet HTML 7Page - Everlight Electronics Co., Ltd 204-15-T1C2-2QTA Datasheet HTML 8Page - Everlight Electronics Co., Ltd 204-15-T1C2-2QTA Datasheet HTML 9Page - Everlight Electronics Co., Ltd 204-15-T1C2-2QTA Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Technical Data Sheet
204-15/T1C2-2QTA
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev
1
Page: 10 of 10
Device Number: DLE-020-419
Established date:08-06-2007
Established by: AmY Ma
6. Soldering Condition
Careful attention should be paid during soldering. When soldering, leave more then 3mm
from solder joint to case, and soldering beyond the base of the tie bar is recommended.
Avoiding applying any stress to the lead frame while the LEDs are at high temperature
particularly when soldering.
Recommended soldering conditions:
Hand Soldering
DIP Soldering
Temp. at tip of iron
400
Max. (30W
Max.)
Preheat temp.
100
Max. (60 sec Max.)
Soldering time
3 sec Max.
Bath temp.
265 Max.
Distance
3mm Min.(From solder
joint to case)
Bath time.
5 sec Max.
Distance
3mm Min.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http:\\www.everlight.com


Similar Part No. - 204-15-T1C2-2QTA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
204-15-T1C3-4QSA EVERLIGHT-204-15-T1C3-4QSA Datasheet
221Kb / 10P
   Popular T-1 colorless package.
204-15-T1C3-4QSA EVERLIGHT-204-15-T1C3-4QSA Datasheet
292Kb / 11P
   LAMP
204-15-T1C3-4QSA EVERLIGHT-204-15-T1C3-4QSA_09 Datasheet
407Kb / 12P
   Popular T-1 round package
More results

Similar Description - 204-15-T1C2-2QTA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
204-15-T1C3-4QSA EVERLIGHT-204-15-T1C3-4QSA Datasheet
221Kb / 10P
   Popular T-1 colorless package.
264-7UYC-S530-A3 EVERLIGHT-264-7UYC-S530-A3 Datasheet
74Kb / 5P
   Popular T-1 package
264-7UYC-S530-A4 EVERLIGHT-264-7UYC-S530-A4 Datasheet
74Kb / 5P
   Popular T-1 package
264-15-T2C4-2NRA EVERLIGHT-264-15-T2C4-2NRA_10 Datasheet
264Kb / 12P
   Popular T-1 round package
204-15-T2C3-2LQA EVERLIGHT-204-15-T2C3-2LQA Datasheet
384Kb / 12P
   Popular T-1 round package
204-15-T2C3-4LQA EVERLIGHT-204-15-T2C3-4LQA_09 Datasheet
386Kb / 12P
   Popular T-1 round package
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB_08 Datasheet
257Kb / 11P
   Popular T-1 round package
264-15-T2C4-2NRA EVERLIGHT-264-15-T2C4-2NRA Datasheet
394Kb / 12P
   Popular T-1 round package
204-15-T1C3-4QSA EVERLIGHT-204-15-T1C3-4QSA_09 Datasheet
407Kb / 12P
   Popular T-1 round package
204-15-T2C3-4NQA EVERLIGHT-204-15-T2C3-4NQA Datasheet
380Kb / 12P
   Popular T-1 round package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com