Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12-215-GHC-YR1S2-3C Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # 12-215-GHC-YR1S2-3C
Description  Technical Data Sheet Chip LED with Right Angle Lens
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

12-215-GHC-YR1S2-3C Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button 12-215-GHC-YR1S2-3C Datasheet HTML 2Page - Everlight Electronics Co., Ltd 12-215-GHC-YR1S2-3C Datasheet HTML 3Page - Everlight Electronics Co., Ltd 12-215-GHC-YR1S2-3C Datasheet HTML 4Page - Everlight Electronics Co., Ltd 12-215-GHC-YR1S2-3C Datasheet HTML 5Page - Everlight Electronics Co., Ltd 12-215-GHC-YR1S2-3C Datasheet HTML 6Page - Everlight Electronics Co., Ltd 12-215-GHC-YR1S2-3C Datasheet HTML 7Page - Everlight Electronics Co., Ltd 12-215-GHC-YR1S2-3C Datasheet HTML 8Page - Everlight Electronics Co., Ltd 12-215-GHC-YR1S2-3C Datasheet HTML 9Page - Everlight Electronics Co., Ltd 12-215-GHC-YR1S2-3C Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
12-215/GHC-YR1S2/3C
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 7 of 10
Device No. : SZDSE-125-G05
Prepared date: 19-Aug-2005
Prepared by:Meng Yali
Carrier Tape Dimensions: Loaded quantity 3000 PCS per reel
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm
Moisture Resistant Packaging
Label
Desiccant
Label
Aluminum moisture-proof bag


Similar Part No. - 12-215-GHC-YR1S2-3C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
12-215-G6C-AL2M2B-3C EVERLIGHT-12-215-G6C-AL2M2B-3C Datasheet
137Kb / 10P
   Chip LED with Right Angle Lens
logo
HK TO-GRACE TECHNOLOGY ...
12-215-G6C-AL2M2B-3C TO-GRACE-12-215-G6C-AL2M2B-3C Datasheet
587Kb / 10P
   Chip LED with Right Angle Lens
logo
Everlight Electronics C...
12-215-G6C-BP1Q2L-3C EVERLIGHT-12-215-G6C-BP1Q2L-3C Datasheet
137Kb / 10P
   Chip LED with Right Angle Lens
logo
HK TO-GRACE TECHNOLOGY ...
12-215-G6C-BP1Q2L-3C TO-GRACE-12-215-G6C-BP1Q2L-3C Datasheet
588Kb / 10P
   Chip LED with Right Angle Lens
More results

Similar Description - 12-215-GHC-YR1S2-3C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
27-21SURC EVERLIGHT-27-21SURC_13 Datasheet
225Kb / 9P
   Technical Data Sheet Chip LED with Right Angle Lens
12-21C-BHC-ANQ-2C EVERLIGHT-12-21C-BHC-ANQ-2C Datasheet
134Kb / 10P
   Technical Data Sheet Chip LED with Right Angle Lens
12-21-BHC-AN1P2-2C EVERLIGHT-12-21-BHC-AN1P2-2C Datasheet
134Kb / 10P
   Technical Data Sheet Chip LED with Right Angle Lens
12-21-GHC-YR2S2-2C EVERLIGHT-12-21-GHC-YR2S2-2C Datasheet
157Kb / 10P
   Technical Data Sheet Chip LED with Right Angle Lens
12-21C-GHC-YR2T1-2C EVERLIGHT-12-21C-GHC-YR2T1-2C Datasheet
137Kb / 10P
   Technical Data Sheet Chip LED with Right Angle Lens
12-215-BHC-YLMQY-3C EVERLIGHT-12-215-BHC-YLMQY-3C Datasheet
134Kb / 9P
   Technical Data Sheet Chip LED with Right Angle Lens
12-21UYC EVERLIGHT-12-21UYC Datasheet
195Kb / 9P
   Technical Data Sheet Chip LED with Right Angle Lens
12-215-BHC-AN1P2-3C EVERLIGHT-12-215-BHC-AN1P2-3C Datasheet
151Kb / 10P
   Technical Data Sheet Chip LED with Right Angle Lens
66-219 EVERLIGHT-66-219 Datasheet
206Kb / 12P
   Technical Data Sheet White Chip LED With Right Angle Lens
11-21-BHC-AP2R1-2T EVERLIGHT-11-21-BHC-AP2R1-2T Datasheet
220Kb / 10P
   Technical Data Sheet 1206 Package Chip LED with Inner lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com