Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT03D20 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BZT03D20
Description  Silicon Zener-Diodes with Surge Current Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZT03D20 Datasheet(HTML) 3 Page - Vishay Siliconix

  BZT03D20 Datasheet HTML 1Page - Vishay Siliconix BZT03D20 Datasheet HTML 2Page - Vishay Siliconix BZT03D20 Datasheet HTML 3Page - Vishay Siliconix BZT03D20 Datasheet HTML 4Page - Vishay Siliconix BZT03D20 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VISHAY
BZT03..Series
Document Number 85599
Rev. 4, 10-Sep-03
Vishay Semiconductors
www.vishay.com
3
Electrical Characteristics
BZT03D...
1) 10/1000 exp. falling pulse tp = 1000 µs down to 50 %
2) Stand-off voltage = recommended suplly voltage
Partnumber
Zener Voltage Range
Dynamic
Resistance
Test
Curre
nt
Temperature
Coefficient of
Zener Voltage
Reverse
Leakage
Current
Clamping
Stand-off
VZ @ IZT
rzj and TKVZ @
IZ
IZT
TCVZ @ IZT
IR @ VR
V(CL)R
1) @
IRMS
IR@ VR
2)
V
mA
%/K
µA
V
V
A
µA
V
min
typ
max
typ
max
min
max
max
max
max
BZT03D6V2
5.6
6.2
6.8
1
2
100
0
0.07
1500
4.4
9.5
34.0
3000
4.8
BZT03D6V8
6.1
6.8
7.5
1
2
100
0
0.07
1000
4.8
10.5
31.0
2000
5.3
BZT03D7V5
6.75
7.5
8.25
1
2
100
0
0.07
750
5.3
11.6
26.5
1500
5.9
BZT03D8V2
7.4
8.2
9
1
2
100
0.03
0.08
600
5.9
12.6
24.4
1200
6.5
BZT03D9V1
8.2
9.1
10
2
4
50
0.03
0.08
20
6.5
13.7
22.7
50
7.1
BZT03D10
9
10
11
2
4
50
0.05
0.09
10
7.1
15.2
20.3
20
7.9
BZT03D11
9.9
11
12.1
4
7
50
0.05
0.1
4
7.9
16.2
19.1
5
8.6
BZT03D12
10.8
12
13.2
4
7
50
0.05
0.1
3
8.6
17.5
17.7
5
9.3
BZT03D13
11.7
13
14.3
5
10
50
0.05
0.1
2
9.3
19.1
15.9
5
10.6
BZT03D15
13.5
15
16.5
5
10
50
0.05
0.1
1
10.6
21.8
14.4
5
11.6
BZT03D16
14.4
16
17.6
6
15
25
0.06
0.11
1
11.6
23.4
13.1
5
12.6
BZT03D18
16.2
18
19.8
6
15
25
0.06
0.11
1
12.6
26.3
11.7
5
14.4
BZT03D20
18
20
22
6
15
25
0.06
0.11
1
14.4
29.2
10.6
5
15.8
BZT03D22
29.8
22
24.2
6
15
25
0.06
0.11
1
15.8
31.9
9.7
5
17.2
BZT03D24
21.6
24
26.4
7
15
25
0.06
0.11
1
17.2
34.6
8.9
5
19.4
BZT03D27
24.3
27
29.7
7
15
25
0.06
0.11
1
19.4
39
7.9
5
21.5
BZT03D30
27
30
33
8
15
25
0.06
0.11
1
21.5
43.5
7.1
5
23.5
BZT03D33
29.7
33
36.3
8
15
25
0.06
0.11
1
23.5
47.5
6.5
5
25.8
BZT03D36
32.4
36
39.6
21
40
10
0.06
0.11
1
25.8
51.5
6.0
5
28
BZT03D39
35.1
39
42.9
21
40
10
0.06
0.11
1
28
56
5.5
5
31
BZT03D43
38.7
43
47.3
24
45
10
0.07
0.12
1
31
62
4.9
5
33.5
BZT03D47
42.3
47
51.7
24
45
10
0.07
0.12
1
33.5
67.5
4.6
5
36.5
BZT03D51
45.9
51
56.1
25
60
10
0.07
0.12
1
36.5
73
4.2
5
40
BZT03D56
50.4
56
61.6
25
60
10
0.07
0.12
1
40
81
3.8
5
44.5
BZT03D62
55.8
62
68.2
25
80
10
0.08
0.13
1
44.5
89
3.5
5
49
BZT03D68
61.2
68
74.8
25
80
10
0.08
0.13
1
49
97
3.2
5
54
BZT03D75
67.5
75
82.5
30
100
10
0.08
0.13
1
54
107
2.9
5
59
BZT03D82
73.8
82
90.2
30
100
10
0.08
0.13
1
59
117
2.6
5
65
BZT03D91
81.9
91
100
60
200
5
0.09
0.13
1
65
130
2.4
5
71
BZT03D100
90
100
110
60
200
5
0.09
0.13
1
71
143
2.2
5
79
BZT03D110
99
110
121
80
250
5
0.09
0.13
1
79
157
2.0
5
86
BZT03D120
108
120
132
80
250
5
0.09
0.13
1
86
172
1.8
5
93
BZT03D130
117
130
143
110
300
5
0.09
0.13
1
93
187
1.6
5
106
BZT03D150
135
150
165
130
300
5
0.09
0.13
1
106
213
1.5
5
116
BZT03D160
144
160
176
150
350
5
0.09
0.13
1
116
229
1.3
5
126
BZT03D180
162
180
198
180
400
5
0.09
0.13
1
126
256
1.2
5
144
BZT03D200
180
200
220
200
500
5
0.09
0.13
1
144
284
1.1
5
158
BZT03D220
198
220
242
350
750
2
0.09
0.13
1
158
314
1.0
5
172
BZT03D240
216
240
264
400
850
2
0.09
0.13
1
172
364
0.9
5
194
BZT03D270
243
270
297
450
1000
2
0.09
0.13
1
194
388
0.8
5
215


Similar Part No. - BZT03D20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03D20 VISHAY-BZT03D20 Datasheet
67Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
BZT03D20 VISHAY-BZT03D20 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
BZT03D20 VISHAY-BZT03D20 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
logo
Shenzhen Luguang Electr...
BZT03D20 LUGUANG-BZT03D20 Datasheet
233Kb / 4P
   POWER DISSIPATION: 3.25 W
logo
Vishay Siliconix
BZT03D20 VISHAY-BZT03D20 Datasheet
275Kb / 5P
   Silicon Zener-Diodes with Surge Current Specification
Rev. 4, 10-Sep-03
More results

Similar Description - BZT03D20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03C39-TR VISHAY-BZT03C39-TR Datasheet
275Kb / 5P
   Silicon Zener-Diodes with Surge Current Specification
Rev. 4, 10-Sep-03
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
BZD27C3V6P-E3-08 VISHAY-BZD27C3V6P-E3-08 Datasheet
127Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.2, 13-Aug-14
BZD27C3V6P VISHAY-BZD27C3V6P_13 Datasheet
109Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 2.1, 29-Nov-11
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
BZG04 VISHAY-BZG04_08 Datasheet
184Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 2.2, 15-Sep-05
BZD27B VISHAY-BZD27B_V01 Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
logo
Vaishali Semiconductor
BZD27C3V6P VAISH-BZD27C3V6P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com