Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT03D8V2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BZT03D8V2
Description  Silicon Zener-Diodes with Surge Current Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZT03D8V2 Datasheet(HTML) 2 Page - Vishay Siliconix

  BZT03D8V2 Datasheet HTML 1Page - Vishay Siliconix BZT03D8V2 Datasheet HTML 2Page - Vishay Siliconix BZT03D8V2 Datasheet HTML 3Page - Vishay Siliconix BZT03D8V2 Datasheet HTML 4Page - Vishay Siliconix BZT03D8V2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85599
Rev. 4, 10-Sep-03
VISHAY
BZT03..Series
Vishay Semiconductors
Electrical Characteristics
BZT03C...
1) 10/1000 exp. falling pulse tp = 1000 µs down to 50 %
2) Stand-off voltage = recommended suplly voltage
Partnumber
Zener Voltage Range
Dynamic
Resistance
Test
Curre
nt
Temperature
Coefficient of
Zener Voltage
Reverse
Leakage
Current
Clamping
Stand-off
VZ @ IZT
rzj and TKVZ @
IZ
IZT
TCVZ @ IZT
IR @ VR
V(CL)R
1) @
IRMS
IR@ VR
2)
V
mA
%/K
µA
V
V
A
µA
V
min
typ
max
typ
max
min
max
max
max
max
BZT03C6V2
5.8
6.2
6.6
1
2
100
0
0.07
1500
4.7
9.3
34.0
3000
5.1
BZT03C6V8
6.4
6.8
7.2
1
2
100
0
0.07
1000
5.1
10.2
31.0
2000
5.6
BZT03C7V5
7
7.5
7.9
1
2
100
0
0.07
750
5.6
11.3
26.5
1500
6.2
BZT03C8V2
7.7
8.2
8.7
1
2
100
0.03
0.08
600
6.2
12.3
24.4
1200
6.8
BZT03C9V1
8.5
9.1
9.6
2
4
50
0.03
0.08
20
6.8
13.3
22.7
50
7.5
BZT03C10
9.4
10
10.6
2
4
50
0.05
0.09
10
7.5
14.8
20.3
20
8.2
BZT03C11
10.4
11
11.6
4
7
50
0.05
0.1
4
8.2
15.7
19.1
5
9.1
BZT03C12
11.4
12
12.7
4
7
50
0.05
0.1
3
9.1
17.0
17.7
5
10
BZT03C13
12.4
13
14.1
5
10
50
0.05
0.1
2
10
18.9
15.9
5
11
BZT03C15
13.8
15
15.6
5
10
50
0.05
0.1
1
11
20.9
14.4
5
12
BZT03C16
15.3
16
17.1
6
15
25
0.06
0.11
1
12
22.9
13.1
5
13
BZT03C18
16.8
18
19.1
6
15
25
0.06
0.11
1
13
25.6
11.7
5
15
BZT03C20
18.8
20
21.2
6
15
25
0.06
0.11
1
15
28.4
10.6
5
16
BZT03C22
20.8
22
23.3
6
15
25
0.06
0.11
1
16
31.0
9.7
5
18
BZT03C24
22.8
24
25.6
7
15
25
0.06
0.11
1
18
33.8
8.9
5
20
BZT03C27
25.1
27
28.9
7
15
25
0.06
0.11
1
20
38.1
7.9
5
22
BZT03C30
28
30
32
8
15
25
0.06
0.11
1
22
42.2
7.1
5
24
BZT03C33
31
33
35
8
15
25
0.06
0.11
1
24
46.2
6.5
5
27
BZT03C36
34
36
38
21
40
10
0.06
0.11
1
27
50.1
6.0
5
30
BZT03C39
37
39
41
21
40
10
0.06
0.11
1
30
54.1
5.5
5
33
BZT03C43
40
43
46
24
45
10
0.07
0.12
1
33
60.7
4.9
5
36
BZT03C47
44
47
50
24
45
10
0.07
0.12
1
36
65.5
4.6
5
39
BZT03C51
48
51
54
25
60
10
0.07
0.12
1
39
70.8
4.2
5
43
BZT03C56
52
56
60
25
60
10
0.07
0.12
1
43
78.6
3.8
5
47
BZT03C62
58
62
66
25
80
10
0.08
0.13
1
47
86.5
3.5
5
51
BZT03C68
64
68
72
25
80
10
0.08
0.13
1
51
94.4
3.2
5
56
BZT03C75
70
75
79
30
100
10
0.08
0.13
1
56
103.5
2.9
5
62
BZT03C82
77
82
87
30
100
10
0.08
0.13
1
62
114
2.6
5
68
BZT03C91
85
91
96
60
200
5
0.09
0.13
1
68
126
2.4
5
75
BZT03C100
94
100
106
60
200
5
0.09
0.13
1
75
139
2.2
5
82
BZT03C110
104
110
116
80
250
5
0.09
0.13
1
82
152
2.0
5
91
BZT03C120
114
120
127
80
250
5
0.09
0.13
1
91
167
1.8
5
100
BZT03C130
124
130
141
110
300
5
0.09
0.13
1
100
185
1.6
5
110
BZT03C150
138
150
156
130
300
5
0.09
0.13
1
110
204
1.5
5
120
BZT03C160
153
160
171
150
350
5
0.09
0.13
1
120
224
1.3
5
130
BZT03C180
168
180
191
180
400
5
0.09
0.13
1
130
249
1.2
5
150
BZT03C200
188
200
212
200
500
5
0.09
0.13
1
150
276
1.1
5
160
BZT03C220
208
220
233
350
750
2
0.09
0.13
1
160
305
1.0
5
180
BZT03C240
228
240
256
400
850
2
0.09
0.13
1
180
336
0.9
5
200
BZT03C270
251
270
289
450
1000
2
0.09
0.13
1
200
380
0.8
5
220


Similar Part No. - BZT03D8V2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03D8V2 VISHAY-BZT03D8V2 Datasheet
67Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
BZT03D8V2 VISHAY-BZT03D8V2 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
BZT03D8V2 VISHAY-BZT03D8V2 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
logo
Shenzhen Luguang Electr...
BZT03D8V2 LUGUANG-BZT03D8V2 Datasheet
233Kb / 4P
   POWER DISSIPATION: 3.25 W
logo
Vishay Siliconix
BZT03D8V2 VISHAY-BZT03D8V2 Datasheet
275Kb / 5P
   Silicon Zener-Diodes with Surge Current Specification
Rev. 4, 10-Sep-03
More results

Similar Description - BZT03D8V2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03C39-TR VISHAY-BZT03C39-TR Datasheet
275Kb / 5P
   Silicon Zener-Diodes with Surge Current Specification
Rev. 4, 10-Sep-03
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
BZD27C3V6P-E3-08 VISHAY-BZD27C3V6P-E3-08 Datasheet
127Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.2, 13-Aug-14
BZD27C3V6P VISHAY-BZD27C3V6P_13 Datasheet
109Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 2.1, 29-Nov-11
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
BZG04 VISHAY-BZG04_08 Datasheet
184Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 2.2, 15-Sep-05
BZD27B VISHAY-BZD27B_V01 Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
logo
Vaishali Semiconductor
BZD27C3V6P VAISH-BZD27C3V6P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com