Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C32 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS320C32
Description  DIGITAL SIGNAL PROCESSOR
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C32 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320C32 Datasheet HTML 1Page - Texas Instruments TMS320C32 Datasheet HTML 2Page - Texas Instruments TMS320C32 Datasheet HTML 3Page - Texas Instruments TMS320C32 Datasheet HTML 4Page - Texas Instruments TMS320C32 Datasheet HTML 5Page - Texas Instruments TMS320C32 Datasheet HTML 6Page - Texas Instruments TMS320C32 Datasheet HTML 7Page - Texas Instruments TMS320C32 Datasheet HTML 8Page - Texas Instruments TMS320C32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
TMS320C32
DIGITAL SIGNAL PROCESSOR
SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
TMS320C32 Pin Functions (Continued)
PIN
TYPE
DESCRIPTION
CONDITIONS
WHEN
NAME
NO.
TYPE
DESCRIPTION
SIGNAL IS
IN HIGH Z‡
CONTROL SIGNALS (9 PINS)
RESET
1
I
Reset. When RESET is a logic low, the device is in the reset condition. When
RESET becomes a logic high, execution begins from the location specified by the
reset vector.
INT3 – INT0
4
I
External interrupts
IACK
1
O/Z
Interrupt acknowledge. IACK is generated by the IACK instruction. This signal can
be used to indicate the beginning or end of an interrupt-service routine.
S
MCBL / MP
1
I
Microcomputer boot loader / microprocessor mode
XF1 – XF0
2
I/O/Z
External flags. XF1 and XF0 are used as general-purpose I / Os or used to support
interlocked-processor instructions.
S
R
SERIAL PORT SIGNALS (6 PINS)
CLKX0
1
I/O/Z
Serial-port 0 transmit clock. CLKX0 is the serial shift clock for the serial port 0
transmitter.
S
R
DX0
1
I/O/Z
Data-transmit output. Serial port 0 transmits serial data on DX0.
S
R
FSX0
1
I/O/Z
Frame-synchronization pulse for transmit. The FSX0 pulse initiates the
transmit-data process over DX0.
S
R
CLKR0
1
I/O/Z
Serial-port 0 receive clock. CLKR0 is the serial-shift clock for the serial-port 0
receiver.
S
R
DR0
1
I/O/Z
Data receive. Serial port 0 receives serial data on DR0.
S
R
FSR0
1
I/O/Z
Frame-synchronization pulse for receive. The FSR0 pulse initiates the
receive-data process over DR0.
S
R
TIMER SIGNALS (2 PINS)
TCLK0
1
I/O/Z
Timer clock 0. As an input, TCLK0 is used by timer 0 to count external pulses. As
an output, TCLK0 outputs pulses generated by timer 0.
S
R
TCLK1
1
I/O/Z
Timer clock 1. As an input, TCLK1 is used by timer 1 to count external pulses. As
an output, TCLK1 outputs pulses generated by timer 1.
S
R
CLOCK SIGNALS (3 PINS)
CLKIN
1
I
Input to the internal oscillator from an external clock source
H1
1
O/Z
External H1 clock. H1 has a period equal to twice CLKIN.
S
H3
1
O/Z
External H3 clock. H3 has a period equal to twice CLKIN.
S
RESERVED (5 PINS)
EMU0 – EMU2
3
I
Reserved for emulation. Use 18 k
Ω–22 kΩ pullup resistors to 5 V.
EMU3
1
O/Z
Reserved for emulation
S
SHZ
1
I
Shutdown high impedance. When active, SHZ shuts down the ’C32 and places
all 3-state I/O pins in the high-impedance state. SHZ is used for board-level testing
to ensure that no dual-drive conditions occur. CAUTION: A low on SHZ corrupts
’C32 memory and register contents. Reset the device with SHZ high to restore it
to a known operating condition.
† I = input, O = output, Z = high-impedance state
‡ S = SHZ active, H = HOLD active, R = RESET active


Similar Part No. - TMS320C32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
654Kb / 45P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32PCM TI-TMS320C32PCM Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32PCM40 TI-TMS320C32PCM40 Datasheet
654Kb / 45P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32PCM50 TI-TMS320C32PCM50 Datasheet
654Kb / 45P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com