Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M54HC4017 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M54HC4017
Description  DECADE COUNTER/DIVIDER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4017 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M54HC4017 Datasheet HTML 2Page - STMicroelectronics M54HC4017 Datasheet HTML 3Page - STMicroelectronics M54HC4017 Datasheet HTML 4Page - STMicroelectronics M54HC4017 Datasheet HTML 5Page - STMicroelectronics M54HC4017 Datasheet HTML 6Page - STMicroelectronics M54HC4017 Datasheet HTML 7Page - STMicroelectronics M54HC4017 Datasheet HTML 8Page - STMicroelectronics M54HC4017 Datasheet HTML 9Page - STMicroelectronics M54HC4017 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLH
tPHL
Propagation
Delay Time (CK,
CE - Q, COUT)
2.0
100
195
245
295
ns
4.5
25
39
49
59
6.0
21
33
42
50
tPLH
tPHL
Propagation
Delay Time
(CLEAR- Q, COUT)
2.0
100
195
245
295
ns
4.5
25
39
49
59
6.0
21
33
42
50
fMAX
Maximum Clock
Frequency
2.0
5
10
4
3.4
ns
4.5
25
41
20
17
6.0
29
48
24
20
tW(H)
tW(L)
Minimum Pulse
Width (CLOCK)
2.0
35
75
95
110
ns
4.5
7
151922
6.0
6
131619
tW(H)
Minimum Pulse
Width (CLEAR)
2.0
35
75
95
110
ns
4.5
7
151922
6.0
6
131619
ts
Minimum Set-up
Time
2.0
12
50
65
75
ns
4.5
3
101315
6.0
3
9
11
13
th
Minimum Hold
Time
2.0
32
75
95
110
ns
4.5
8
151922
6.0
7
131619
tREM
Minimum
Removal Time
2.0
28
75
95
110
ns
4.5
7
151922
6.0
6
131619
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
41
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC
M54/M74HC4017
6/12


Similar Part No. - M54HC4017

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC40102 STMICROELECTRONICS-M54HC40102 Datasheet
300Kb / 14P
   8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
M54HC40102B1R STMICROELECTRONICS-M54HC40102B1R Datasheet
300Kb / 14P
   8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
M54HC40102C1R STMICROELECTRONICS-M54HC40102C1R Datasheet
300Kb / 14P
   8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
M54HC40102F1R STMICROELECTRONICS-M54HC40102F1R Datasheet
300Kb / 14P
   8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
M54HC40102M1R STMICROELECTRONICS-M54HC40102M1R Datasheet
300Kb / 14P
   8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
More results

Similar Description - M54HC4017

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4017 STMICROELECTRONICS-M74HC4017 Datasheet
375Kb / 12P
   DECADE COUNTER/DIVIDER
logo
Toshiba Semiconductor
TC4017BP TOSHIBA-TC4017BP_07 Datasheet
387Kb / 9P
   Decade Counter/Divider
logo
Hitachi Semiconductor
HD74HC4017 HITACHI-HD74HC4017 Datasheet
50Kb / 8P
   Decade Counter/Divider
HD14017B HITACHI-HD14017B Datasheet
102Kb / 8P
   Decade Counter/Divider
logo
Texas Instruments
CD4017BC TI1-CD4017BC Datasheet
415Kb / 10P
[Old version datasheet]   Decade Counter/Divider
logo
Toshiba Semiconductor
TC74HC4017AP TOSHIBA-TC74HC4017AP Datasheet
245Kb / 5P
   DECADE COUNTER/DIVIDER
TC4017BP TOSHIBA-TC4017BP Datasheet
277Kb / 6P
   DECADE COUNTER/DIVIDER
logo
Renesas Technology Corp
HD74HC4017 RENESAS-HD74HC4017 Datasheet
116Kb / 11P
   Decade Counter / Divider
logo
Intersil Corporation
CD4033BMS INTERSIL-CD4033BMS Datasheet
122Kb / 11P
   CMOS Decade Counter/Divider
December 1992
logo
List of Unclassifed Man...
CD4017A ETC1-CD4017A Datasheet
274Kb / 4P
   CMOS Decade Counter/Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com