Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C328R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # C328R
Description  JPEG Camera Module W/ UART Interface
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C328R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  C328R Datasheet HTML 1Page - List of Unclassifed Manufacturers C328R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev 2.01
Electrical Specification
VDD = 3.3V+10%, TA = 0 to 25
oC
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VDD
DC supply voltage
3.0
3.3
3.6
V
Io
Normal Operation Current
Operating
60
mA
Is
Suspend Current
Suspend
100
uA
VIH
High level input voltage
TTL
2.0
V
VIL
Low level input voltage
TTL
0.8
V
Lens Specification
Description
F/#
2.8
2.8
2.5
2.0
2.0
2.0
1.6
1.6
Focal length (mm)
4.63
4.63
2.2
2.8
3.6
3.6
6.0
6.0
Field of View Diagonal (deg)
41
41
109
81
50
50
43
43
Filter Option IR-cut filter
Yes
Yes
NA
NA
Yes
NA
NA
Yes
Total height from PCB H (mm)
10
10
18
22
22
22
20
20
Diameter of lens cap D (mm)
9
9
15
14
14
14
14
14
Board Measurement
Note: except C328RS of small lens holder, all other lens holder are with 14x14 as shown below.
Dimension of C328RS lens holder is 10x10mm
Note: In order to facilitate people for better understanding the communication with the module, we have developed an EV
kit, C328-EV232, for user to run under PC Windows environment. However, this module is not designed for PC application.
Such PC evaluation is only for better understanding of command control.
14
8.5
28
20
14
6
1
H
4.9
D


Similar Part No. - C328R

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C328 KEMET-C328 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
Savantic, Inc.
C3280 SAVANTIC-C3280 Datasheet
156Kb / 4P
   Silicon NPN Power Transistors
logo
Mospec Semiconductor
C3281 MOSPEC-C3281 Datasheet
134Kb / 3P
   POWER TRANSISTORS(15A,200V,150W)
logo
Kemet Corporation
C328C106J1R5HA7301 KEMET-C328C106J1R5HA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C328C106J1R5TA7301 KEMET-C328C106J1R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
More results

Similar Description - C328R

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1563GV ROHM-BU1563GV Datasheet
285Kb / 6P
   Built-in JPEG Codec, VGA Camera Module Interface, and QCIF LCD controller interface
BU1561GV ROHM-BU1561GV Datasheet
282Kb / 6P
   Built-in JPEG Codec, SXGA Camera Module Interface, and QCIFLCD controller interface
logo
Winbond
W99681CF WINBOND-W99681CF Datasheet
816Kb / 78P
   JPEG USB Dual Mode Camera Chip
logo
Epson Company
S1S65010 EPSON-S1S65010 Datasheet
156Kb / 14P
   Network Camera Controller with JPEG Encoder
logo
Rohm
BU6566GVW ROHM-BU6566GVW_09 Datasheet
431Kb / 17P
   Camera Image Processors Compatible with JPEG Image
logo
Sony Corporation
XCST50 SONY-XCST50 Datasheet
579Kb / 31P
   CCD B/W VIDEO CAMERA MODULE
logo
Actel Corporation
A3P250 ACTEL-A3P250 Datasheet
538Kb / 1P
   Camera Interface
logo
Motorola, Inc
MCF5307TR MOTOROLA-MCF5307TR Datasheet
53Kb / 16P
   UART MODULE
logo
Mitsumi Electronics, Co...
CMV-61CX MITSUMI-CMV-61CX Datasheet
46Kb / 2P
   Camera module
logo
List of Unclassifed Man...
CH340G ETC-CH340G Datasheet
2Mb / 9P
   USB to UART Interface
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com