Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


DS18B20 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part No. DS18B20
Description  Programmable Resolution 1-Wire Digital Thermometer
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DALLAS [Dallas Semiconductor]
Homepage  http://www.dalsemi.com
Logo 

 
 1 page
background image
1 of 22
REV: 042208
FEATURES
Unique 1-Wire
® Interface Requires Only One
Port Pin for Communication
Each Device has a Unique 64-Bit Serial Code
Stored in an On-Board ROM
Multidrop Capability Simplifies Distributed
Temperature-Sensing Applications
Requires No External Components
Can Be Powered from Data Line; Power Supply
Range is 3.0V to 5.5V
Measures Temperatures from -55°C to +125°C
(-67°F to +257°F)
±0.5°C Accuracy from -10°C to +85°C
Thermometer Resolution is User Selectable
from 9 to 12 Bits
Converts Temperature to 12-Bit Digital Word in
750ms (Max)
User-Definable Nonvolatile (NV) Alarm
Settings
Alarm Search Command Identifies and
Addresses Devices Whose Temperature is
Outside Programmed Limits (Temperature
Alarm Condition)
Available in 8-Pin SO (150 mils), 8-Pin
μSOP,
and 3-Pin TO-92 Packages
Software Compatible with the DS1822
Applications Include Thermostatic Controls,
Industrial Systems, Consumer Products,
Thermometers, or Any Thermally Sensitive
System
PIN CONFIGURATIONS
DESCRIPTION
The DS18B20 digital thermometer provides 9-bit to 12-bit Celsius temperature measurements and has an
alarm function with nonvolatile user-programmable upper and lower trigger points. The DS18B20
communicates over a 1-Wire bus that by definition requires only one data line (and ground) for
communication with a central microprocessor. It has an operating temperature range of -55°C to +125°C
and is accurate to
±0.5°C over the range of -10°C to +85°C. In addition, the DS18B20 can derive power
directly from the data line (“parasite power”), eliminating the need for an external power supply.
Each DS18B20 has a unique 64-bit serial code, which allows multiple DS18B20s to function on the same
1-Wire bus. Thus, it is simple to use one microprocessor to control many DS18B20s distributed over a
large area. Applications that can benefit from this feature include HVAC environmental controls,
temperature monitoring systems inside buildings, equipment, or machinery, and process monitoring and
control systems.
DS18B20
Programmable Resolution
1-Wire Digital Thermometer
www.maxim-ic.com
1-Wire is a registered trademark of Maxim Integrated Products, Inc.
TO-92
(DS18B20)
1
(BOTTOM VIEW)
2
3
DALLAS
18B20
1
2 3
SO (150 mils)
(DS18B20Z)
N.C.
N.C.
N.C.
N.C.
GND
DQ
VDD
N.C.
6
8
7
5
3
1
2
4
N.C.
VDD
N.C.
N.C.
N.C.
GND
N.C.
DQ
6
8
7
5
3
1
2
4
μSOP
(DS18B20U)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS18B20_07Programmable Resolution 1-Wire Digital Thermometer 1 2 3 4 5 MoreDallas Semiconductor
DS1825Programmable Resolution 1-Wire Digital Thermometer With 4-Bit ID 1 2 3 4 5 MoreMaxim Integrated Products
DS1821_07Programmable Digital Thermostat and Thermometer 1 2 3 4 5 MoreDallas Semiconductor
DS28EA001-Wire Digital Thermometer with Sequence Detect and PIO 1 2 3 4 5 MoreDallas Semiconductor
DS1822Econo 1-Wire Digital Thermometer 1 2 3 4 5 MoreMaxim Integrated Products
DS75LXDigital Thermometer and Thermostat with Extended Addressing 1 2 3 4 5 MoreMaxim Integrated Products
DS620Low-Voltage +-0.5°C Accuracy Digital Thermometer and Thermostat 1 2 3 4 5 MoreDallas Semiconductor
ASC7521ALOW- OLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ASC7531ALOW-VOLTAGE 1-WIRE DIGITAL TEMPERATURE SENSOR AND VOLTAGE MONITOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
DS1631High-Precision Digital Thermometer and Thermostat 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl