Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25-21SURC Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # 25-21SURC
Description  Chip LEDs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

25-21SURC Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  25-21SURC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 25-21SURC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 25-21SURC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 25-21SURC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 25-21SURC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 25-21SURC Datasheet HTML 6Page - Everlight Electronics Co., Ltd 25-21SURC Datasheet HTML 7Page - Everlight Electronics Co., Ltd 25-21SURC Datasheet HTML 8Page - Everlight Electronics Co., Ltd 25-21SURC Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
25-21SURC/S530-XX/TR8
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 7 of 9
Device No:SZDSE-251-004
Prepared date:22-Aug-2005
Prepared by:Wang Zhiyong
Reliability Test Items And Conditions
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
No.
Items
Test Condition
Test
Hours/Cycles
Sample
Size
Ac/Re
1
Reflow Soldering
Temp. : 260℃±5℃
Min. 5sec.
6 Min.
22 PCS.
0/1
2
Temperature Cycle
H : +100℃ 15min
∫ 5 min
L : -40℃ 15min
300 Cycles
22 PCS.
0/1
3
Thermal Shock
H : +100℃ 5min
∫ 10 sec
L : -10℃ 5min
300 Cycles
22 PCS.
0/1
4
High Temperature
Storage
Temp. : 100℃
1000 Hrs.
22 PCS.
0/1
5
Low Temperature
Storage
Temp. : -40℃
1000 Hrs.
22 PCS.
0/1
6
DC Operating Life
IF = 20 mA
1000 Hrs.
22 PCS.
0/1
7
High Temperature /
High Humidity
85℃/ 85%RH
1000 Hrs.
22 PCS.
0/1


Similar Part No. - 25-21SURC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
25-21SURC/S530-A3/TR8 EVERLIGHT-25-21SURC/S530-A3/TR8 Datasheet
126Kb / 9P
   Technical Data Sheet Reverse Package Chip LED wiyh Inner Lens
25-21SURC EVERLIGHT-25-21SURC_13 Datasheet
126Kb / 9P
   Technical Data Sheet Reverse Package Chip LED wiyh Inner Lens
More results

Similar Description - 25-21SURC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
17-21UYC EVERLIGHT-17-21UYC Datasheet
152Kb / 10P
   Chip LEDs
23-21SYGC EVERLIGHT-23-21SYGC Datasheet
153Kb / 9P
   Chip LEDs
23-21UYC EVERLIGHT-23-21UYC Datasheet
154Kb / 9P
   Chip LEDs
25-21UBC EVERLIGHT-25-21UBC Datasheet
154Kb / 9P
   Chip LEDs
23-21UBC EVERLIGHT-23-21UBC Datasheet
159Kb / 9P
   Chip LEDs
25-21UYC EVERLIGHT-25-21UYC Datasheet
174Kb / 9P
   Chip LEDs
17-21SYGC-S530 EVERLIGHT-17-21SYGC-S530 Datasheet
241Kb / 10P
   Chip LEDs
25-21SYGC EVERLIGHT-25-21SYGC Datasheet
157Kb / 9P
   Chip LEDs
T1D-CR1S1E EVERLIGHT-T1D-CR1S1E Datasheet
149Kb / 12P
   Chip LEDS
BHC-AN1P2 EVERLIGHT-BHC-AN1P2 Datasheet
149Kb / 10P
   Chip LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com