Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGSW-311H Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # LGSW-311H
Description  1W Power Light LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LGSW-311H Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button LGSW-311H Datasheet HTML 3Page - List of Unclassifed Manufacturers LGSW-311H Datasheet HTML 4Page - List of Unclassifed Manufacturers LGSW-311H Datasheet HTML 5Page - List of Unclassifed Manufacturers LGSW-311H Datasheet HTML 6Page - List of Unclassifed Manufacturers LGSW-311H Datasheet HTML 7Page - List of Unclassifed Manufacturers LGSW-311H Datasheet HTML 8Page - List of Unclassifed Manufacturers LGSW-311H Datasheet HTML 9Page - List of Unclassifed Manufacturers LGSW-311H Datasheet HTML 10Page - List of Unclassifed Manufacturers LGSW-311H Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Page 10/10
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Reliability Test
1000 hours
120°C
High Temperature Storage Life
HTSL
260±5°C, 5secs
1500G,0.5msec pulse,
5 shocks each 6 axis
On concrete from 1.2m, 3xtimes
6G RMS from 10 to 2KHz,
10mins/axis
10-2000-10Hz, 20G
1 min, 1.5mm, 3timesx/axis
Note :
Failure criteria:
Electrical failures
VF shife >= 10%
IR < 50uA@Vr = 5v
Ligitek output Degradation
%Iv shift >= 30%@1000hrs or 200cycle
Visual failures
Broken or damaged pockage or lead
Dimension out of tolerance
LTOL
SHR
MS
ND
RV
VVF
Variable Vibration Frequency
Random Vibration
Natural Drop
Low Temperature Storage Life
Solder Heat Resistance
Mechanical Shock
-40°C
1000 hours
Stress Condition
25° C, Max. IF
-40/+110° C,
30min dwell,<5min trans.
-40/+110° C,
20min dwell,<20min trans.
85°C/85%RH
Item
RTOL
TC
TS
WHT
Thermal Shock
Temperature Cycling
Wet High Temperature
Room Temperature Operation Life
Description
200 cycles
200 cycles
1000 hours
Test Duration
1000 hours


Similar Part No. - LGSW-311H

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGSW-311H LIGITEK-LGSW-311H Datasheet
160Kb / 11P
   1W Power Light LED
More results

Similar Description - LGSW-311H

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LGLG-311E LIGITEK-LGLG-311E Datasheet
183Kb / 12P
   1W Power Light LED
LGFLW-311E1-1-60-B02 LIGITEK-LGFLW-311E1-1-60-B02 Datasheet
328Kb / 14P
   1W Power Light LED
LGFLY-311E LIGITEK-LGFLY-311E Datasheet
272Kb / 13P
   1W Power Light LED
LGFLN-311E LIGITEK-LGFLN-311E Datasheet
346Kb / 14P
   1W Power Light LED
LGLV-311E1 LIGITEK-LGLV-311E1 Datasheet
201Kb / 13P
   1W Power Light LED
LGLW-311E1 LIGITEK-LGLW-311E1 Datasheet
203Kb / 13P
   1W Power Light LED
LGSV-311E LIGITEK-LGSV-311E Datasheet
136Kb / 10P
   1W Power Light LED
LG-7020WKZ-2-P-A07 LIGITEK-LG-7020WKZ-2-P-A07 Datasheet
416Kb / 15P
   1W Power Light LED
LGFLW-311E-60 LIGITEK-LGFLW-311E-60 Datasheet
354Kb / 15P
   1W Power Light LED
LGSV-311E1-1 LIGITEK-LGSV-311E1-1 Datasheet
248Kb / 13P
   1W Power Light LED
LGSV-311H LIGITEK-LGSV-311H Datasheet
152Kb / 11P
   1W Power Light LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com