Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA2125 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA2125
Description  SPI Real time clock / calendar
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2125 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA2125 Datasheet HTML 6Page - NXP Semiconductors PCA2125 Datasheet HTML 7Page - NXP Semiconductors PCA2125 Datasheet HTML 8Page - NXP Semiconductors PCA2125 Datasheet HTML 9Page - NXP Semiconductors PCA2125 Datasheet HTML 10Page - NXP Semiconductors PCA2125 Datasheet HTML 11Page - NXP Semiconductors PCA2125 Datasheet HTML 12Page - NXP Semiconductors PCA2125 Datasheet HTML 13Page - NXP Semiconductors PCA2125 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
PCA2125_00
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 00.11 — 30 January 2007
10 of 40
NXP Semiconductors
PCA2125
SPI Real time clock / calendar
6.4 Time and date function
The majority of these registers are coded in the Binary Coded Decimal format. BCD is
used to simplify application use.
An example is shown for the minutes register:
[1]
Hour mode is set by the 12 / 24 bit in control register 2.
Table 9:
BCD example
Minutes
value in
decimal
Bit 7
23
Bit 6
22
Bit 5
21
Bit 4
20
Bit 3
23
Bit 2
22
Bit 1
21
Bit 0
20
00
0000
0000
01
0000
0001
02
0000
0010
:
09
0000
1001
10
0001
0000
:
58
0101
1000
59
0101
1001
Table 10.
Seconds / RF (address 02HEX) bits description
Bit
Symbol
Value
Description
7
RF
0
clock integrity is guaranteed
1
clock integrity is not guaranteed. Chip reset has
occurred since flag was last cleared
6 to 0
seconds
00 to 59
this register holds the current seconds coded in BCD
format;
Table 11.
Minutes (address 03HEX) bits description
Bit
Symbol
Value
Description
6 to 0
minutes
00 to 59
this register holds the current minutes coded in BCD
format
Table 12.
Hours (address 04HEX) bits description
Bit
Symbol
Value
Description
12 hour mode
[1]
5
AMPM
0
Indicates AM
1
Indicates PM
4 to 0
hours
00 to012
this register holds the current hours coded in BCD
format for 12 hour mode
24 hour mode
[1]
5 to 0
hours
00 to 23
this register holds the current hours coded in BCD
format for 24 hour mode


Similar Part No. - PCA2125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA2125 NXP-PCA2125 Datasheet
189Kb / 36P
   SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCA2125TS NXP-PCA2125TS Datasheet
189Kb / 36P
   SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
   SPI Real-time clock/calendar
Rev. 01-28 July 2008
More results

Similar Description - PCA2125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2123 NXP-PCF2123 Datasheet
239Kb / 54P
   SPI Real time clock/calendar
Rev. 01-19 November 2008
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
   SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF2123 NXP-PCF2123_09 Datasheet
1Mb / 55P
   SPI Real time clock/calendar
Rev. 02-4 December 2009
logo
Micro Analog systems
MCP795WXX MAS-MCP795WXX Datasheet
969Kb / 54P
   SPI Real-Time Clock Calendar
logo
NXP Semiconductors
PCF2123 NXP-PCF2123_11 Datasheet
844Kb / 63P
   SPI Real time clock/calendar Time keeping application
Rev. 5-27 April 2011
PCA21125 NXP-PCA21125 Datasheet
1Mb / 42P
   SPI-bus Real-Time Clock and calendar
Rev. 01-16 November 2009
logo
Microchip Technology
MCP7951X MICROCHIP-MCP7951X Datasheet
899Kb / 58P
   Battery-Backed SPI Real-Time Clock/Calendar
09/14/21
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
   Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
   Real-time clock/calendar
16 April 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com