Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

49S2-SMD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 49S2-SMD
Description  CRYSTAL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

49S2-SMD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  49S2-SMD Datasheet HTML 1Page - List of Unclassifed Manufacturers 49S2-SMD Datasheet HTML 2Page - List of Unclassifed Manufacturers 49S2-SMD Datasheet HTML 3Page - List of Unclassifed Manufacturers 49S2-SMD Datasheet HTML 4Page - List of Unclassifed Manufacturers 49S2-SMD Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S
SM
MD
D0
05
50
03
3 C
CR
RY
YS
ST
TA
AL
L
SHOULDER INDÚSTRIA ELETRÔNICA LTDA
Page 2 of 5
Rua Vereador Antonio Zamarioni, 105 (Portal de Extrema)
CEP 37640-000 Extrema / MG
www.hdshoulder.com.br
SSSHHHOOOUUULLLDDDEEERRR
E
Elle
ec
cttrriic
ca
all S
Sp
pe
ec
ciiffiic
ca
attiio
on
n
Parameter
Value
Nominal Frequency
10.00 to 80.000 MHz
Frequency Tolerance (at 25°C)
+ 30 PPM (Maximum)
Frequency Stability
+30 PPM (Maximum)
Oscilation Mode
Fundamental
Equivalent Series resistance
50Ω
Drive Level
1.0 mW (Maximum)
Operating Temperature Range
-20 to + 70ºC Standard (or Optional)
Storage Temperature
-40 to + 85ºC
Load Capacitance
10 pF to Series
Shunt Capacitance
< 7 PF
Aging (at 25°C)
+ 3 ppM per year
Insulation Resistance
> 500 MΩ at DC 100V
S
Sc
co
op
pe
e
This specification shall cover the characteristics of SMD 5x3.2 crystal.
Ultra small package
Wide Frequency Range
M
Me
ec
ch
ha
an
niic
ca
all D
Diim
me
en
ns
siio
on
ns
s ((A
Allll iin
n m
mm
m)) S
SM
MD
D0
05
50
03
3


Similar Part No. - 49S2-SMD

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
49S2-SMD SHOULDER-49S2-SMD Datasheet
89Kb / 3P
   CRYSTAL RESONATOR
More results

Similar Description - 49S2-SMD

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AXS-3838-08-01 ABRACON-AXS-3838-08-01 Datasheet
425Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-4115-02-06 ABRACON-AXS-4115-02-06 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3215-02-01 ABRACON-AXS-3215-02-01 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
AXS-3030-06-03 ABRACON-AXS-3030-06-03 Datasheet
402Kb / 1P
   CRYSTAL/CRYSTAL OSCILLATOR SOCKET
07.10.09
logo
Ecliptek Corporation
EC26T ECLIPTEK-EC26T Datasheet
103Kb / 3P
   CRYSTAL
ECPSM310T ECLIPTEK-ECPSM310T Datasheet
150Kb / 3P
   CRYSTAL
ECPSM29T ECLIPTEK-ECPSM29T Datasheet
151Kb / 3P
   CRYSTAL
ECCM5B ECLIPTEK-ECCM5B Datasheet
196Kb / 3P
   CRYSTAL
ECAT-20 ECLIPTEK-ECAT-20 Datasheet
109Kb / 3P
   CRYSTAL
E8WS ECLIPTEK-E8WS Datasheet
108Kb / 2P
   CRYSTAL
E7WS ECLIPTEK-E7WS Datasheet
165Kb / 3P
   CRYSTAL
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com