Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

223893451447 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 223893451447
Description  Surface mount ceramic multilayer capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

223893451447 Datasheet(HTML) 2 Page - NXP Semiconductors

  223893451447 Datasheet HTML 1Page - NXP Semiconductors 223893451447 Datasheet HTML 2Page - NXP Semiconductors 223893451447 Datasheet HTML 3Page - NXP Semiconductors 223893451447 Datasheet HTML 4Page - NXP Semiconductors 223893451447 Datasheet HTML 5Page - NXP Semiconductors 223893451447 Datasheet HTML 6Page - NXP Semiconductors 223893451447 Datasheet HTML 7Page - NXP Semiconductors 223893451447 Datasheet HTML 8Page - NXP Semiconductors 223893451447 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2000 Sep 11
2
Philips Components
Product specification
Surface mount ceramic
multilayer capacitors
Class 1, NP0 50/100/200/500 V
Noble Metal Electrode
FEATURES
• Seven standard sizes
• High capacitance per unit volume
• Supplied in tape on reel or in bulk
case (case sizes 0402, 0603 and
0805 only)
• For high frequency applications
• NiSn terminations (AgPd on
request).
APPLICATIONS
• Consumer electronics
• Telecommunications
• Automotive
• Data processing.
DESCRIPTION
The capacitor consists of a
rectangular block of ceramic dielectric
in which a number of interleaved
precious metal electrodes are
contained. This structure gives rise to
a high capacitance per unit volume.
The inner electrodes are connected to
the two terminations, either by silver
palladium (AgPd) alloy in the ratio
65 : 35, or silver dipped with a barrier
layer of plated nickel and finally
covered with a layer of plated tin
(NiSn). A cross section of the
structure is shown in Fig.1.
QUICK REFERENCE DATA
Notes
1. Other values below 10 pF and non E12 series are available on request.
2. Also applicable for applications up to 63 V.
DESCRIPTION
VALUE
Rated voltage UR (DC)
50 V, 100 V, 200 V and 500 V (IEC)
Capacitance range (E12 series);
note 1:
50 V; note 2
0.47 pF to 47000 pF
100 V
10pFto22nF
200 V
10 pF to 5600 pF
500 V
10 pF to 3300 pF
Tolerance on capacitance:
C
≥ 10 pF
±5%; ±2%
C < 10 pF
±0.5 pF; ±0.25 pF
Test voltage (DC) for 1 minute:
50 V and 100 V
2.5
× UR
200 V
3
× UR
500 V
2
× UR
Sectional specifications
IEC 60384-10, second edition 1989-04;
also based on CECC 32 100
Detailed specification
based on CECC 32 101-801
Climatic category (IEC 60068)
55/125/56
MLB457
terminations
electrodes
ceramic material
Fig.1 Construction of a ceramic multilayer capacitor.


Similar Part No. - 223893451447

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
22389 WINCHESTER-22389 Datasheet
441Kb / 1P
   OUTLINE & USAGE
logo
NXP Semiconductors
2238910197 NXP-2238910197 Datasheet
146Kb / 11P
   Surface-mount ceramic multilayer capacitors
Jul 08, 2003 V.7
2238910198 NXP-2238910198 Datasheet
146Kb / 11P
   Surface-mount ceramic multilayer capacitors
Jul 08, 2003 V.7
2238910497 NXP-2238910497 Datasheet
146Kb / 11P
   Surface-mount ceramic multilayer capacitors
Jul 08, 2003 V.7
2238910498 NXP-2238910498 Datasheet
146Kb / 11P
   Surface-mount ceramic multilayer capacitors
Jul 08, 2003 V.7
More results

Similar Description - 223893451447

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com