Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

223893451447 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 223893451447
Description  Surface mount ceramic multilayer capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

223893451447 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 223893451447 Datasheet HTML 6Page - NXP Semiconductors 223893451447 Datasheet HTML 7Page - NXP Semiconductors 223893451447 Datasheet HTML 8Page - NXP Semiconductors 223893451447 Datasheet HTML 9Page - NXP Semiconductors 223893451447 Datasheet HTML 10Page - NXP Semiconductors 223893451447 Datasheet HTML 11Page - NXP Semiconductors 223893451447 Datasheet HTML 12Page - NXP Semiconductors 223893451447 Datasheet HTML 13Page - NXP Semiconductors 223893451447 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
2000 Sep 11
10
Philips Components
Product specification
Surface mount ceramic
multilayer capacitors
Class 1, NP0 200 V and 500 V
Noble Metal Electrode
ORDERING INFORMATION FOR 200 V AND 500 V
Components may be ordered by using either a simple 15-digit clear text code or Philips unique 12NC.
Clear text code
EXAMPLE: 1206CG102GBB200
SIZE
CODE
TEMP.
CHAR.
CAPACITANCE
TOL.
VOLTAGE
TERMINATION
PACKAGING
MARKING
SERIES
0805
1206
1210
1812
CG = NP0
102 = 1000 pF;
the third digit
signifies the
multiplying factor:
0=
× 1
1=
× 10
2=
× 100
3=
× 1000
G=
±2%
J=
±5%
B = 200 V
D = 500 V
B = NiSn
2 = 180 mm; 7" paper
3 = 330 mm; 13" paper
B = 180 mm; 7" blister
F = 330 mm; 13" blister
P = bulk case
0 = no marking
2 = 2-character
marking in North
America only
0 = conv.
ceramic
Ordering code 12NC
(1) Refer to chapter “Selection chart for 200 V and 500 V”.
(2) Amount on reel depends on thickness classification, see section “Thickness classification and packaging quantities”.
handbook, full pagewidth
2 2 X X
X X X
X 1 X X X
Carrier type
22
38
54
blister
paper
bulk
Rated voltage - Termination
93
97
200 V; NiSn
500 V; NiSn
Size
0
1
2
4
0805
1206
1210
1812
Capacitance value(1)
Tolerance
4
5
±2%
±5%
Packaging(2)
1
5
4
reel:
∅180 mm; 7"
reel:
∅330 mm; 13"
bulk case
CCA624


Similar Part No. - 223893451447

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
22389 WINCHESTER-22389 Datasheet
441Kb / 1P
   OUTLINE & USAGE
logo
NXP Semiconductors
2238910197 NXP-2238910197 Datasheet
146Kb / 11P
   Surface-mount ceramic multilayer capacitors
Jul 08, 2003 V.7
2238910198 NXP-2238910198 Datasheet
146Kb / 11P
   Surface-mount ceramic multilayer capacitors
Jul 08, 2003 V.7
2238910497 NXP-2238910497 Datasheet
146Kb / 11P
   Surface-mount ceramic multilayer capacitors
Jul 08, 2003 V.7
2238910498 NXP-2238910498 Datasheet
146Kb / 11P
   Surface-mount ceramic multilayer capacitors
Jul 08, 2003 V.7
More results

Similar Description - 223893451447

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com