Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1D-AQ2R2TY Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # T1D-AQ2R2TY
Description  Chip LED (0.3mm Height)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

T1D-AQ2R2TY Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button T1D-AQ2R2TY Datasheet HTML 2Page - Everlight Electronics Co., Ltd T1D-AQ2R2TY Datasheet HTML 3Page - Everlight Electronics Co., Ltd T1D-AQ2R2TY Datasheet HTML 4Page - Everlight Electronics Co., Ltd T1D-AQ2R2TY Datasheet HTML 5Page - Everlight Electronics Co., Ltd T1D-AQ2R2TY Datasheet HTML 6Page - Everlight Electronics Co., Ltd T1D-AQ2R2TY Datasheet HTML 7Page - Everlight Electronics Co., Ltd T1D-AQ2R2TY Datasheet HTML 8Page - Everlight Electronics Co., Ltd T1D-AQ2R2TY Datasheet HTML 9Page - Everlight Electronics Co., Ltd T1D-AQ2R2TY Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
19-218/T1D-AQ2R2TY/3T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 6 of 12
Device No. : DSE-198-W01
Prepared date: 15-Jan-2007
Prepared by: Ashley Kuo
CIE Chromaticity Diagram


Similar Part No. - T1D-AQ2R2TY

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
T1D-APQHY EVERLIGHT-T1D-APQHY Datasheet
206Kb / 11P
   Chip LED with Inner Lens
More results

Similar Description - T1D-AQ2R2TY

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
BHC-ZL1M2QY EVERLIGHT-BHC-ZL1M2QY Datasheet
135Kb / 10P
   Chip LED (0.3mm Height)
19-218UWD EVERLIGHT-19-218UWD Datasheet
170Kb / 13P
   Chip LED (0.3mm Height)
19-218-BHC-ZL1M2QY-3T EVERLIGHT-19-218-BHC-ZL1M2QY-3T Datasheet
178Kb / 10P
   0603 Package Chip LED (0.3mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-218-BHC-ZL1M2QY-3T TO-GRACE-19-218-BHC-ZL1M2QY-3T Datasheet
711Kb / 10P
   0603 Package Chip LED (0.3mm Height)
logo
Everlight Electronics C...
19-118-BHC-ZL1M2QY-3T EVERLIGHT-19-118-BHC-ZL1M2QY-3T Datasheet
142Kb / 10P
   0603 Package Chip LED (0.3mm Height)
19-218-BHC-ZL1M2QY-3T EVERLIGHT-19-218-BHC-ZL1M2QY-3T_11 Datasheet
180Kb / 10P
   0603 Package Chip LED (0.3mm Height)
19-218-R6C-FM2P1B7Y-3T EVERLIGHT-19-218-R6C-FM2P1B7Y-3T_11 Datasheet
143Kb / 10P
   0603 Package Chip LED (0.3mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-218-R6C-FM2P1B7Y-3T TO-GRACE-19-218-R6C-FM2P1B7Y-3T Datasheet
698Kb / 10P
   0603 Package Chip LED (0.3mm Height)
19-218-T1D-CQ2R2TY-3T TO-GRACE-19-218-T1D-CQ2R2TY-3T Datasheet
482Kb / 12P
   0603 Package Chip LED (0.3mm Height)
logo
Everlight Electronics C...
19-218-R6C-AL1M2VY-3T EVERLIGHT-19-218-R6C-AL1M2VY-3T Datasheet
208Kb / 10P
   0603 Package Chip LED (0.3mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com