Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC1203DUB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1203DUB
Description  1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1203DUB Datasheet(HTML) 5 Page - Texas Instruments

  AMC1203DUB Datasheet HTML 1Page - Texas Instruments AMC1203DUB Datasheet HTML 2Page - Texas Instruments AMC1203DUB Datasheet HTML 3Page - Texas Instruments AMC1203DUB Datasheet HTML 4Page - Texas Instruments AMC1203DUB Datasheet HTML 5Page - Texas Instruments AMC1203DUB Datasheet HTML 6Page - Texas Instruments AMC1203DUB Datasheet HTML 7Page - Texas Instruments AMC1203DUB Datasheet HTML 8Page - Texas Instruments AMC1203DUB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
AMC1203
SBAS427 – FEBRUARY 2008
At TA = –40°C to +105°C, VDD1 = 4.5V to 5.5V, VDD2 = 4.5V to 5.5V, VIN+ = –280mV to +280mV, VIN– = 0V, and sinc
3 filter with
OSR = 256, unless otherwise noted.
AMC1203
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
RESOLUTION
16
Bits
DC ACCURACY
AMC1203
±3
±9
LSB
INL
Integral linearity error(2)
AMC1203B
±2
±6
LSB
DNL
Differential nonlinearity(3)
–1
+1
LSB
VOS
Offset error(4)
–1
±0.1
1
mV
TCVOS
Offset error thermal drift
±1.5
±5
µV/°C
AMC1203
–2
±0.2
2
%
GERR
Gain error
AMC1203B
–1
±0.2
1
%
TCGERR
Gain error thermal drift
±20
ppm/
°C
PSRR
Power-supply rejection ratio
80
dB
ANALOG INPUTS
FSR
Full-scale differential voltage input range
(VIN+) – (VIN–)
–320
320
mV
VCM
Operating common-mode signal(3)
–0.1
5
V
CI
Input capacitance to GND1
VIN+ or VIN–
3
pF
CID
Differential input capacitance
6
pF
RID
Differential input resistance
28
k
IIL
Input leakage current
–5
5
nA
CMTI
Common-mode transient immunity
15
kV/
µs
VIN from 0V to 5V at 0Hz
92
dB
CMRR
Common-mode rejection ratio
VIN from 0V to 5V at 50kHz
105
dB
INTERNAL CLOCK
tCLK
Clock period
See Figure 2
83.33
100
125
ns
fCLK
Clock frequency
See Figure 2
8
10
12
MHz
tH
Clock high-time
See Figure 2
(tCLK/2) – 8
50
(tCLK/2) + 8
ns
tD1
Data valid time after falling edge of clock
See Figure 2
–2
0
2
ns
AC ACCURACY
SINAD
Signal-to-noise + distortion
fIN = 1kHz
80
85
dB
SNR
Signal-to-noise ratio
fIN = 1kHz
80.5
85
dB
AMC1203, fIN = 1kHz
–92
–84.5
dB
THD
Total harmonic distortion
AMC1203B, fIN = 1kHz
–95
–88
AMC1203, fIN = 1kHz
86
92
dB
SFDR
Spurious-free dynamic range
AMC1203B, fIN = 1kHz
89
95
(1)
All typical values are at TA = +25°C
(2)
Integral nonlinearity is defined as the maximum deviation of the line through the inputs of the specified input range of the transfer curve
of the specified VIN expressed either as number of LSBs, or as a percent of the specified 560mV input range.
(3)
Ensured by design.
(4)
Maximum values, including temperature drift, are ensured over the full specified temperature range.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): AMC1203


Similar Part No. - AMC1203DUB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1203DUB TI-AMC1203DUB Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203DUBG4 TI-AMC1203DUBG4 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
AMC1203DUBR TI-AMC1203DUBR Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
More results

Similar Description - AMC1203DUB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
[Old version datasheet]   1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
[Old version datasheet]   Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com