Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19-213-W1D-ANPHY Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # 19-213-W1D-ANPHY
Description  Chip LED (0.6 mm Height)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-213-W1D-ANPHY Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  19-213-W1D-ANPHY Datasheet HTML 1Page - Everlight Electronics Co., Ltd 19-213-W1D-ANPHY Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-213-W1D-ANPHY Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-213-W1D-ANPHY Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-213-W1D-ANPHY Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-213-W1D-ANPHY Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-213-W1D-ANPHY Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-213-W1D-ANPHY Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-213-W1D-ANPHY Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page:2 of 12
Device No. : SZDSE-193-W22
Prepared date: 22-Aug-2005
Prepared by: Zhang huali
19-213/W1D-ANPHY/3T
Package Outline Dimensions
-
+
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm.


Similar Part No. - 19-213-W1D-ANPHY

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-213-B7C-AQ2S1B2-3T EVERLIGHT-19-213-B7C-AQ2S1B2-3T Datasheet
178Kb / 10P
   0603 Package Chip LED (0.6mm Height)
19-213-B7C-AQ2S1B2-3T EVERLIGHT-19-213-B7C-AQ2S1B2-3T Datasheet
249Kb / 10P
   0603 Package Chip LED (0.6mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-213-B7C-AQ2S1B2-3T TO-GRACE-19-213-B7C-AQ2S1B2-3T Datasheet
884Kb / 10P
   0603 Package Chip LED (0.6mm Height)
logo
Everlight Electronics C...
19-213-B7C-AQ2S1B2-3T EVERLIGHT-19-213-B7C-AQ2S1B2-3T_11 Datasheet
249Kb / 10P
   0603 Package Chip LED (0.6mm Height)
19-213-BHC-AN1P2 EVERLIGHT-19-213-BHC-AN1P2 Datasheet
162Kb / 10P
   Chip LED (0.6 mm Height)
More results

Similar Description - 19-213-W1D-ANPHY

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-213SURC EVERLIGHT-19-213SURC Datasheet
161Kb / 9P
   Chip LED (0.6 mm Height)
19-213UBC EVERLIGHT-19-213UBC Datasheet
135Kb / 9P
   Chip LED (0.6 mm Height)
19-213UYC EVERLIGHT-19-213UYC Datasheet
156Kb / 9P
   Chip LED (0.6 mm Height)
19-213-BHC-AN1P2 EVERLIGHT-19-213-BHC-AN1P2 Datasheet
162Kb / 10P
   Chip LED (0.6 mm Height)
19-213-GHC-YR1S2 EVERLIGHT-19-213-GHC-YR1S2 Datasheet
159Kb / 10P
   Chip LED (0.6 mm Height)
19-213SYGC EVERLIGHT-19-213SYGC Datasheet
156Kb / 9P
   Chip LED (0.6 mm Height)
19-213-BHC-AN1P2-3T EVERLIGHT-19-213-BHC-AN1P2-3T Datasheet
184Kb / 10P
   0603 Package Chip LED (0.6 mm Height)
19-213-GHC-YR1S2-3T EVERLIGHT-19-213-GHC-YR1S2-3T Datasheet
145Kb / 10P
   0603 Package Chip LED (0.6 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-213-BHC-AN1P2-3T TO-GRACE-19-213-BHC-AN1P2-3T Datasheet
1Mb / 10P
   0603 Package Chip LED (0.6 mm Height)
logo
Everlight Electronics C...
19-213-GHC-XS1T1N-3T EVERLIGHT-19-213-GHC-XS1T1N-3T Datasheet
155Kb / 10P
   0603 Package Chip LED (0.6 mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com