Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22226065472 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 22226065472
Description  Surface mount ceramic multilayer capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

22226065472 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 22226065472 Datasheet HTML 7Page - NXP Semiconductors 22226065472 Datasheet HTML 8Page - NXP Semiconductors 22226065472 Datasheet HTML 9Page - NXP Semiconductors 22226065472 Datasheet HTML 10Page - NXP Semiconductors 22226065472 Datasheet HTML 11Page - NXP Semiconductors 22226065472 Datasheet HTML 12Page - NXP Semiconductors 22226065472 Datasheet HTML 13Page - NXP Semiconductors 22226065472 Datasheet HTML 14Page - NXP Semiconductors 22226065472 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
2000 Sep 11
11
Philips Components
Product specification
Surface mount ceramic
multilayer capacitors
Class 1, NP0 50/100/200/500 V
Noble Metal Electrode
ELECTRICAL CHARACTERISTICS
Class 1 capacitors; NP0 dielectric; NiSn terminations
Unless otherwise stated all electrical values apply at an ambient temperature of 20
±1 °C, an atmospheric pressure of
86 to 106 kPa, and a relative humidity of 63 to 67%.
Notes
1. Measured at 1 V, 1 MHz for C
≤ 1000 pF and 1 V, 1 kHz for C > 1000 pF, using a four-gauge method.
2. For sizes 0402 and 0603 all capacitance values from 0.47 pF to 150 pF have a temperature coefficient of
(0
±30) × 10−6/K.
DESCRIPTION
VALUE
Capacitance range (E12 series); note 1:
50 V
0.47 pF to 47000 pF
100 V
10pFto22nF
200 V
10 pF to 5600 pF
500 V
10 pF to 3300 pF
Tolerance on capacitance after 1000 hours:
C
≥ 10 pF
±5%; ±2%
5pF
≤ C < 10 pF
±0.5 pF, ±0.25 pF
C
< 5pF
±0.25 pF
Tan
δ; note 1:
C
< 10 pF
, whichever is smallest
C
≥ 10 pF
≤10 × 10−4
Insulation resistance after 1 minute at UR (DC)
Rins > 100 GΩ
Temperature coefficient:
C
< 10 pF
(0
±150) × 10−6/K; note 2
C
≥ 10 pF
(0
±30) × 10−6/K; note 2
Ageing
not applicable
10
3
C
------
0.7
+

 10 4
×
or 30
10
4
×


Similar Part No. - 22226065472

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
222264-1 TEC-222264-1 Datasheet
574Kb / 12P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
222264-2 TEC-222264-2 Datasheet
574Kb / 12P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results

Similar Description - 22226065472

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com