Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19-213UBC Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 19-213UBC
Description  Chip LED (0.6 mm Height)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-213UBC Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  19-213UBC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 19-213UBC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-213UBC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-213UBC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-213UBC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-213UBC Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-213UBC Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-213UBC Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-213UBC Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1.0
Page: 1 of 9
Device No:DSE-193-016
Prepared date: 08-06-2004
Prepared by: Jessica Chang
Technical Data Sheet
0603 Package Chip LED (0.6 mm Height)
19-213UBC/C430/TR8
Features
․Package in 8mm tape on 7〞diameter reel.
․Compatible with automatic placement equipment.
․Compatible with infrared and vapor phase reflow
solder process.
․Mono-color type.
․Pb-free.
Descriptions
․The 19-213 SMD LED is much smaller
than lead frame type components, thus
enable smaller board size, higher packing
density, reduced storage space and finally
smaller equipment to be obtained.
․Besides, lightweight makes them ideal for
miniature applications. etc.
Applications
․Automotive: backlighting in dashboard and switch.
․Telecommunication: indicator and backlighting in
telephone and fax.
․Flat backlight for LCD, switch and symbol.
․General use.
Device Selection Guide
Chip
Material
Emitted Color
Lens Color
GaN/SiC
Blue
Water Clear


Similar Part No. - 19-213UBC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-213UYC EVERLIGHT-19-213UYC Datasheet
156Kb / 9P
   Chip LED (0.6 mm Height)
19-213UYC/S530-XX/TR8 EVERLIGHT-19-213UYC/S530-XX/TR8 Datasheet
156Kb / 9P
   Chip LED (0.6 mm Height)
More results

Similar Description - 19-213UBC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-213SURC EVERLIGHT-19-213SURC Datasheet
161Kb / 9P
   Chip LED (0.6 mm Height)
19-213-W1D-ANPHY EVERLIGHT-19-213-W1D-ANPHY Datasheet
171Kb / 12P
   Chip LED (0.6 mm Height)
19-213UYC EVERLIGHT-19-213UYC Datasheet
156Kb / 9P
   Chip LED (0.6 mm Height)
19-213-BHC-AN1P2 EVERLIGHT-19-213-BHC-AN1P2 Datasheet
162Kb / 10P
   Chip LED (0.6 mm Height)
19-213-GHC-YR1S2 EVERLIGHT-19-213-GHC-YR1S2 Datasheet
159Kb / 10P
   Chip LED (0.6 mm Height)
19-213SYGC EVERLIGHT-19-213SYGC Datasheet
156Kb / 9P
   Chip LED (0.6 mm Height)
19-213-BHC-AN1P2-3T EVERLIGHT-19-213-BHC-AN1P2-3T Datasheet
184Kb / 10P
   0603 Package Chip LED (0.6 mm Height)
19-213-GHC-YR1S2-3T EVERLIGHT-19-213-GHC-YR1S2-3T Datasheet
145Kb / 10P
   0603 Package Chip LED (0.6 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-213-BHC-AN1P2-3T TO-GRACE-19-213-BHC-AN1P2-3T Datasheet
1Mb / 10P
   0603 Package Chip LED (0.6 mm Height)
logo
Everlight Electronics C...
19-213-GHC-XS1T1N-3T EVERLIGHT-19-213-GHC-XS1T1N-3T Datasheet
155Kb / 10P
   0603 Package Chip LED (0.6 mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com