Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19-213SYGC Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # 19-213SYGC
Description  Chip LED (0.6 mm Height)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-213SYGC Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

  19-213SYGC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 19-213SYGC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-213SYGC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-213SYGC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-213SYGC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-213SYGC Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-213SYGC Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-213SYGC Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-213SYGC Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
19-213SYGC/S530-XX/TR8
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 8 of 9
Device No:SZDSE-193-026
Prepared date:18-Aug-2005
Prepared by:Wang Zhiyong
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection , otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 The LEDs should be used within a year.
2.4 After opening the package, the LEDs should be kept at 30℃ or less and 60% RH or less.
2.5 The LEDs should be used within 168 hours (7 days) after opening the package.
2.6 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.


Similar Part No. - 19-213SYGC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-213SURC EVERLIGHT-19-213SURC Datasheet
161Kb / 9P
   Chip LED (0.6 mm Height)
19-213SURC/S530-XX/TR8 EVERLIGHT-19-213SURC/S530-XX/TR8 Datasheet
161Kb / 9P
   Chip LED (0.6 mm Height)
More results

Similar Description - 19-213SYGC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-213SURC EVERLIGHT-19-213SURC Datasheet
161Kb / 9P
   Chip LED (0.6 mm Height)
19-213-W1D-ANPHY EVERLIGHT-19-213-W1D-ANPHY Datasheet
171Kb / 12P
   Chip LED (0.6 mm Height)
19-213UBC EVERLIGHT-19-213UBC Datasheet
135Kb / 9P
   Chip LED (0.6 mm Height)
19-213UYC EVERLIGHT-19-213UYC Datasheet
156Kb / 9P
   Chip LED (0.6 mm Height)
19-213-BHC-AN1P2 EVERLIGHT-19-213-BHC-AN1P2 Datasheet
162Kb / 10P
   Chip LED (0.6 mm Height)
19-213-GHC-YR1S2 EVERLIGHT-19-213-GHC-YR1S2 Datasheet
159Kb / 10P
   Chip LED (0.6 mm Height)
19-213-BHC-AN1P2-3T EVERLIGHT-19-213-BHC-AN1P2-3T Datasheet
184Kb / 10P
   0603 Package Chip LED (0.6 mm Height)
19-213-GHC-YR1S2-3T EVERLIGHT-19-213-GHC-YR1S2-3T Datasheet
145Kb / 10P
   0603 Package Chip LED (0.6 mm Height)
logo
HK TO-GRACE TECHNOLOGY ...
19-213-BHC-AN1P2-3T TO-GRACE-19-213-BHC-AN1P2-3T Datasheet
1Mb / 10P
   0603 Package Chip LED (0.6 mm Height)
logo
Everlight Electronics C...
19-213-GHC-XS1T1N-3T EVERLIGHT-19-213-GHC-XS1T1N-3T Datasheet
155Kb / 10P
   0603 Package Chip LED (0.6 mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com