Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22226001472 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 22226001472
Description  Surface mount ceramic multilayer capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

22226001472 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 22226001472 Datasheet HTML 3Page - NXP Semiconductors 22226001472 Datasheet HTML 4Page - NXP Semiconductors 22226001472 Datasheet HTML 5Page - NXP Semiconductors 22226001472 Datasheet HTML 6Page - NXP Semiconductors 22226001472 Datasheet HTML 7Page - NXP Semiconductors 22226001472 Datasheet HTML 8Page - NXP Semiconductors 22226001472 Datasheet HTML 9Page - NXP Semiconductors 22226001472 Datasheet HTML 10Page - NXP Semiconductors 22226001472 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
2000 Sep 11
7
Philips Components
Product specification
Surface mount ceramic
multilayer capacitors
Class 1, NP0 100 V
Noble Metal Electrode
SELECTION CHART FOR 100 V
C
(pF)
LAST
TWO DIGITS
OF 12NC
100 V
0603
0805
1206
1210
1812
10
23
12
24
15
25
18
26
22
27
27
28
33
29
39
31
47
32
56
33
68
34
82
35
0.8
±0.07
100
36
120
37
0.6
±0.1
150
38
180
39
220
41
0.6
±0.1
270
42
330
43
390
44
470
45
560
46
680
47
820
48
1000
49
1200
51
1500
52
0.85
±0.1
1800
53
2200
54
1.25
±0.1
2700
55
3300
56
3900
57
0.85
±0.1
4700
58
5600
59
1.15
±0.1
6800
61
8200
62
Values in shaded cells indicate thickness classification.
0.5 to 1.0
10000
63
12000
64
0.5 to 1.0
15000
65
18000
66
0.9 to 1.3
22000
67
27000
68
33000
69
39000
71
47000
72


Similar Part No. - 22226001472

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
222264-1 TEC-222264-1 Datasheet
574Kb / 12P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
222264-2 TEC-222264-2 Datasheet
574Kb / 12P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results

Similar Description - 22226001472

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com