Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22386005523 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 22386005523
Description  Surface mount ceramic multilayer capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

22386005523 Datasheet(HTML) 4 Page - NXP Semiconductors

  22386005523 Datasheet HTML 1Page - NXP Semiconductors 22386005523 Datasheet HTML 2Page - NXP Semiconductors 22386005523 Datasheet HTML 3Page - NXP Semiconductors 22386005523 Datasheet HTML 4Page - NXP Semiconductors 22386005523 Datasheet HTML 5Page - NXP Semiconductors 22386005523 Datasheet HTML 6Page - NXP Semiconductors 22386005523 Datasheet HTML 7Page - NXP Semiconductors 22386005523 Datasheet HTML 8Page - NXP Semiconductors 22386005523 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2000 Sep 11
4
Philips Components
Product specification
Surface mount ceramic
multilayer capacitors
Class 1, NP0 50 V
Noble Metal Electrode
SELECTION CHART FOR 50 V
C
(pF)
LAST
THREE DIGITS
OF 12NC
50 V
0402
0603
0805
1206
1210
1812
2220
0.47
477
0.56
567
0.68
687
0.82
827
1.0
108
1.2
128
1.5
158
1.8
188
2.2
228
2.7
278
3.3
338
3.9
398
4.7
478
5.6
568
6.8
688
8.2
828
10
109
0.5
±0.05
12
129
15
159
18
189
0.8
±0.07
22
229
27
279
33
339
0.6
±0.1
39
399
47
479
56
569
0.6
±0.1
68
689
82
829
100
101
120
121
150
151
180
181
220
221
270
271
330
331
390
391
470
471
S
560
561
680
681
820
821
0.5 to 1.0
1000
102
1200
122
1500
152
0.85
±0.1
1800
182
2200
222
1.25
±0.1
0.5 to 1.0
2700
272
3300
332
3900
392
0.85
±0.1
4700
472
5600
562
1.15
±0.1
6800
682
8200
822
Values in shaded cells indicate thickness classification.
10000
103
0.5 to 1.0
12000
123


Similar Part No. - 22386005523

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
223863-0900 MOLEX-223863-0900 Datasheet
786Kb / 7P
   Hand Crimp Tool for Ultra-Fit Crimp Terminals
11-29-22
More results

Similar Description - 22386005523

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com