Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19-21SURC-S530 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 19-21SURC-S530
Description  Chip LED(0.8mm Height)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

19-21SURC-S530 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  19-21SURC-S530 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 19-21SURC-S530 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 19-21SURC-S530 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 19-21SURC-S530 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 19-21SURC-S530 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 19-21SURC-S530 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 19-21SURC-S530 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 19-21SURC-S530 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 19-21SURC-S530 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
19-21SURC/S530-A3/TR8
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.1
Page: 4 of 9
Device No:SZDSE-191-026
Prepared date:20-June-2006
Prepared by: Zhang Cheng
Typical Electro-Optical Characteristics Curves


Similar Part No. - 19-21SURC-S530

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-21SURC-S530-A3-TR8 EVERLIGHT-19-21SURC-S530-A3-TR8 Datasheet
196Kb / 9P
   0603 Package Chip LED(0.8mm Height)
More results

Similar Description - 19-21SURC-S530

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
17-215SYGC EVERLIGHT-17-215SYGC Datasheet
149Kb / 9P
   Chip LED (0.8mm Height)
G6C-FN2P2B EVERLIGHT-G6C-FN2P2B Datasheet
144Kb / 10P
   Chip LED (0.8mm Height)
R7C-AN2P2B EVERLIGHT-R7C-AN2P2B Datasheet
183Kb / 10P
   Chip LED (0.8mm Height)
Y2C-CP1Q2B EVERLIGHT-Y2C-CP1Q2B Datasheet
223Kb / 10P
   Chip LED (0.8mm Height)
17-215UYC EVERLIGHT-17-215UYC Datasheet
151Kb / 9P
   Chip LED (0.8mm Height)
G6C-BM2P1B EVERLIGHT-G6C-BM2P1B Datasheet
145Kb / 10P
   Chip LED(0.8mm Height)
19-21SURC EVERLIGHT-19-21SURC Datasheet
186Kb / 9P
   Chip LED (0.8mm Height)
19-21-BHC-AN1P2 EVERLIGHT-19-21-BHC-AN1P2 Datasheet
154Kb / 10P
   Chip LED (0.8mm Height)
19-21-GHC-YR1S2 EVERLIGHT-19-21-GHC-YR1S2 Datasheet
161Kb / 10P
   Chip LED(0.8mm Height)
19-21-R7C-AN2Q1B-3T EVERLIGHT-19-21-R7C-AN2Q1B-3T Datasheet
157Kb / 10P
   0603 Package Chip LED (0.8mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com