Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82132A5602M000 Datasheet(PDF) 3 Page - EPCOS

Part # B82132A5602M000
Description  Chokes and inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82132A5602M000 Datasheet(HTML) 3 Page - EPCOS

  B82132A5602M000 Datasheet HTML 1Page - EPCOS B82132A5602M000 Datasheet HTML 2Page - EPCOS B82132A5602M000 Datasheet HTML 3Page - EPCOS B82132A5602M000 Datasheet HTML 4Page - EPCOS B82132A5602M000 Datasheet HTML 5Page - EPCOS B82132A5602M000 Datasheet HTML 6Page - EPCOS B82132A5602M000 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
11/05
VHF chokes
B82131 ... B82134
Carbonyl iron core
Please read the Important notes at the end of
this document.
General technical data
Test voltage Vtest
2500 VAC, 1 min
Rated inductance LR
Measuring frequency:L
≤ 10 μH=
1 MHz
10
μH < L ≤ 1000 μH = 100 kHz
Inductance tolerance
±20%
Rated current IR
Referred to 60
°C ambient temperature,
for derating see below
Inductance decrease
ΔL/L
0
≤10% (referred to initial value)
at DC load IR at 20 °C
DC resistance Rtyp
Typical value, measured at 20
°C ambient temperature
Resonance frequency fres, min
Typical value, measured with Scalar Network Analyzer
ZAS from Rohde & Schwarz
Climatic category (IEC 60068-1)
55/125/56 (–55
°C/+125 °C/56 days damp heat test)
Current derating Iop/IR
versus ambient temperature TA
(rated temperature TR = 60 °C)
Mounting information
When bending the leads, take care that the bending
point is at least 3 mm apart from the face ends of the
core and that the start-of-winding-areas are not subject-
ed to any mechanical stress.
SSB0087-Q-E
0
0
op
I
R
I
TA
20
40
60
80
100
˚C
140
0.2
0.4
0.6
0.8
1.0
1.2


Similar Part No. - B82132A5602M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82132A5151M000 EPCOS-B82132A5151M000 Datasheet
136Kb / 9P
   Inductors
logo
TDK Electronics
B82132A5151M000 TDK-B82132A5151M000 Datasheet
554Kb / 9P
   VHF chokes
logo
EPCOS
B82132A5152M000 EPCOS-B82132A5152M000 Datasheet
136Kb / 9P
   Inductors
logo
TDK Electronics
B82132A5152M000 TDK-B82132A5152M000 Datasheet
554Kb / 9P
   VHF chokes
logo
EPCOS
B82132A5202M000 EPCOS-B82132A5202M000 Datasheet
136Kb / 9P
   Inductors
More results

Similar Description - B82132A5602M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82143A EPCOS-B82143A Datasheet
199Kb / 9P
   Chokes and inductors
B82111B EPCOS-B82111B Datasheet
112Kb / 6P
   Chokes and inductors
B78108S EPCOS-B78108S Datasheet
223Kb / 10P
   Chokes and inductors
logo
Pulse A Technitrol Comp...
B902 PULSE-B902 Datasheet
1Mb / 4P
   Inductors And Common Mode Chokes
logo
EPCOS
B82144A EPCOS-B82144A Datasheet
194Kb / 9P
   Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
logo
TDK Electronics
B82500C0000A002 TDK-B82500C0000A002 Datasheet
524Kb / 6P
   Inductors VHF chokes
logo
EPCOS
B82111B EPCOS-B82111B_10 Datasheet
110Kb / 7P
   Inductors VHF chokes
logo
XFMRS Inc.
ISO9001-CERT XFMRS-ISO9001-CERT Datasheet
676Kb / 6P
   Design and manufacture of chokes, inductors, transformers and connectors
logo
TDK Electronics
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
B82145A1104J000 TDK-B82145A1104J000 Datasheet
581Kb / 8P
   Inductors RF chokes, HLBC series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com