Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOR03SJ0150A10 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MOR03SJ0150A10
Description  Metal Oxide Film Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MOR03SJ0150A10 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  MOR03SJ0150A10 Datasheet HTML 1Page - List of Unclassifed Manufacturers MOR03SJ0150A10 Datasheet HTML 2Page - List of Unclassifed Manufacturers MOR03SJ0150A10 Datasheet HTML 3Page - List of Unclassifed Manufacturers MOR03SJ0150A10 Datasheet HTML 4Page - List of Unclassifed Manufacturers MOR03SJ0150A10 Datasheet HTML 5Page - List of Unclassifed Manufacturers MOR03SJ0150A10 Datasheet HTML 6Page - List of Unclassifed Manufacturers MOR03SJ0150A10 Datasheet HTML 7Page - List of Unclassifed Manufacturers MOR03SJ0150A10 Datasheet HTML 8Page - List of Unclassifed Manufacturers MOR03SJ0150A10 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Metal Oxide Film Resistors
Page 7
30/08/07 V1.1
Multiplier Code (for 5% Marking)
Standard E-96 Series Resistance Value Code (for 5% Marking)
Value
Code
Value
Code
Value
Code
Value
Code
Value
Code
100
01
162
21
261
41
422
61
681
81
102
02
165
22
267
42
432
62
698
82
105
03
169
23
274
43
442
63
715
83
107
04
174
24
280
44
453
64
732
84
110
05
178
25
287
45
464
65
750
85
113
06
182
26
294
46
475
66
768
86
115
07
187
27
301
47
487
67
787
87
118
08
191
28
309
48
499
68
806
88
121
09
196
29
316
49
511
69
825
89
124
10
200
30
324
50
523
70
845
90
127
11
205
31
332
51
536
71
866
91
130
12
210
32
340
52
549
72
887
92
133
13
215
33
348
53
562
73
909
93
137
14
221
34
357
54
576
74
931
94
140
15
226
35
365
55
590
75
953
95
143
16
232
36
374
56
604
76
976
96
147
17
237
37
383
57
619
77
-
-
150
18
243
38
392
58
634
78
-
-
154
19
249
39
402
59
649
79
-
-
158
20
255
40
412
60
665
80
-
-
Code
A
B
C
D
E
F
G
H
X
Y
Z
Multiplier
10 0
10 1
10 2
10 3
10 4
10 5
10 6
10 7
10 -1
10 -2
10 -3


Similar Part No. - MOR03SJ0150A10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MOR01SJ082JA10 ETC2-MOR01SJ082JA10 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
MOR01WG082JA10 ETC2-MOR01WG082JA10 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
MOR01WG082JA20 ETC2-MOR01WG082JA20 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
MOR01WG082JA40 ETC2-MOR01WG082JA40 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
MOR01WG082JAA0 ETC2-MOR01WG082JAA0 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
More results

Similar Description - MOR03SJ0150A10

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MO MERITEK-MO Datasheet
172Kb / 3P
   Metal Oxide Film Resistors
logo
Panasonic Semiconductor
ERG-1SJ221A PANASONIC-ERG-1SJ221A Datasheet
153Kb / 7P
   Metal (Oxide) Film Resistors
logo
Willow Technologies Ltd
MOF WILLOW-MOF Datasheet
87Kb / 2P
   METAL OXIDE FILM RESISTORS
logo
Panasonic Semiconductor
ERG-1SJ153A PANASONIC-ERG-1SJ153A Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-1SJ683A PANASONIC-ERG-1SJ683A Datasheet
169Kb / 7P
   Metal Oxide Film Resistors
ERG-2SJ100A PANASONIC-ERG-2SJ100A Datasheet
169Kb / 7P
   Metal Oxide Film Resistors
ERG-1SJ101E PANASONIC-ERG-1SJ101E Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-2SJ123 PANASONIC-ERG-2SJ123 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-12SJ103 PANASONIC-ERG-12SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERX-2SJR56A PANASONIC-ERX-2SJR56A Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERGX12S PANASONIC-ERGX12S Datasheet
172Kb / 7P
   Metal Oxide Film Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com