Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


G2R-2 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part No. G2R-2
Description  PCB Relay A Power Relay for a Variety of Purposes with Various Models
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

 
 1 page
background image
141
G2R
PCB Relay
A Power Relay for a Variety of Purposes
with Various Models
I Conforms to VDE0435 (VDE approval: C250
insulation grade), UL508, CSA22.2, SEV,
SEMKO.
I Meets VDE0700 requirements for household
products according to VDE0110.
I Clearance and creepage distance: 8 mm/8 m.
I Models with CTI250 material available.
I High-sensitivity (360 mW) and high-capacity
(16 A) types available.
I Double-winding latching type available.
I Plug-in with test button and quick-connect
terminals available.
I Highly functional socket available.
Ordering Information
R
C+SE
X
VDE
Classification
Enclosure
ratings
Coil
ratings
Contact form
SPST-NO
SPDT
DPST-NO
DPDT
PCB terminal
General-purpose
Flux protection
AC/DC
G2R-1A
G2R-1
G2R-2A
G2R-2
Fully sealed
G2R-1A4
G2R-14
G2R-2A4
G2R-24
Bifurcated contact
Flux protection
DC
G2R-1AZ
G2R-1Z
---
---
Fully sealed
G2R-1AZ4
G2R-1Z4
---
---
High-capacity
Flux protection
AC/DC
G2R-1A-E
G2R-1-E
---
---
High-sensitivity
Flux protection
DC
G2R-1A-H
G2R-1-H
G2R-2A-H
G2R-2-H
Double-winding latching
Flux protection
G2RK-1A
G2RK-1
G2RK-2A
G2RK-2
Plug-in terminal
General-purpose
Unsealed
AC/DC
---
G2R-1-S
---
G2R-2-S
LED indicator
---
G2R-1-SN
---
G2R-2-SN
LED indicator with test
button
---
G2R-1-SNI
---
G2R-2-SNI
Diode
DC
---
G2R-1-SD
---
G2R-2-SD
LED indicator and diode
---
G2R-1-SND
---
G2R-2-SND
LED indicator and diode
with test button
---
G2R-1-SNDI
---
G2R-2-SNDI
Plug-in terminal
(Bifurcated
crossbar
contact)
General-purpose
AC/DC
G2R-1A3-S
G2R-13-S
---
---
LED indicator
G2R-1A3-SN
G2R-13-SN
---
---
LED indicator and diode
DC
G2R-1A3-SND
G2R-13-SND
---
---
Rated coil voltage
Note: 1. When ordering, add the rated coil voltage to the model number.
Example: G2R-1A 12 VDC
2. OMRON has also prepared the above relays with AgSnIn contacts, which are more tolerant of large inrush currents and
physical movement compared with relays with standard contacts. When ordering, add "-ASI" to the model number.
Example: G2R-1A-ASI
3. Standard, NO contact type relays are TV-3 class products in accordance with the TV standards of the UL/CSA. Models with
AgSnIn contacts are TV-5 class products.
Example: G2R-1A-ASI
When ordering a TV-8 class model, insert "-TV8" into the model number as follows:
Example: G2R-1A-TV8-ASI
4. Models with CTI250 material are also available.
Contact your OMRON representative for more details.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRAMX16UP60BIntegrated Power Hybrid IC for Appliance Motor Drive Applications. 16A 600V with Internal Shunt Resistor 1 2 3 4 5 MoreInternational Rectifier
NCP1201_06PWM Current−Mode Controller for Universal Off−Line Supplies Featuring Low Standby Power with Fault Protection Modes 1 2 3 4 5 MoreON Semiconductor
SC250Step-Down DC-DC Converter with Bias LDO for RF Power Amplifi ers 1 2 3 4 5 MoreSemtech Corporation
PM6680No Rsense dual step-down controller with adjustable voltages for notebook system power 1 2 3 4 5 MoreSTMicroelectronics
908E624Integrated Triple High-Side Switch with Embedded MCU and LIN Serial Communication for Relay Drivers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
NCP1030Low Power PWM Controller with On-Chip Power Switch and Startup Circuits for 48 V Telecom Systems 1 2 3 4 5 MoreON Semiconductor
LM3200_05Miniature Adjustable Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
ISL6255_06Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers 1 2 3 4 5 MoreIntersil Corporation
B82615Chokes for Power Lines Ring Core Chokes with Iron Powder Core 1 2 3 4 5 MoreEPCOS
BGY284Power amplifier with integrated control loop for GSM850 EGSM900 DCS1800 & PCS1900 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl