Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOR01SJ0471A10 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MOR01SJ0471A10
Description  Metal Oxide Film Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MOR01SJ0471A10 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  MOR01SJ0471A10 Datasheet HTML 1Page - List of Unclassifed Manufacturers MOR01SJ0471A10 Datasheet HTML 2Page - List of Unclassifed Manufacturers MOR01SJ0471A10 Datasheet HTML 3Page - List of Unclassifed Manufacturers MOR01SJ0471A10 Datasheet HTML 4Page - List of Unclassifed Manufacturers MOR01SJ0471A10 Datasheet HTML 5Page - List of Unclassifed Manufacturers MOR01SJ0471A10 Datasheet HTML 6Page - List of Unclassifed Manufacturers MOR01SJ0471A10 Datasheet HTML 7Page - List of Unclassifed Manufacturers MOR01SJ0471A10 Datasheet HTML 8Page - List of Unclassifed Manufacturers MOR01SJ0471A10 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Metal Oxide Film Resistors
Page 8
30/08/07 V1.1
Part Number Explanation
Resistor Type
: MOR = Metal oxide film fixed resistors.
Special Feature
: 0 = Standard product.
Wattage
: Normal size : 7W = 7W
Small size : 1S = 1W-S and 3S = 3W-S.
Tolerance
: J = ±5%.
Resistance Value
: E-24 series: the 1st digit is “0”, the 2nd and 3rd digits are for the significant figures of the resistance and
the 4th indicate the number of zeros. “J” ~ 0.1, “K” ~ 0.01. Ex. 4.7 ~ 47J, 4.7K
Ω ~ 472.
E-96 series: The 1st to 3rd digits are significant figures of resistance and the 4th one denotes number
of zeros. Ex. 1.33 K
Ω = 1331.
Packing Type
: A = Tape/Box, B = Bulk/Box.
Packing Quantity
: 1 = 1000 pieces, 0 = for Bulk/Box packing.
Additional Information
: 0 = PT-52mm, NIL for PT-26 and 9 = PT-64mm.
Packing
Quantity
1
Resistance
Value
0473
Packing
Type
A
Wattage
1S
Tolerance
J
Special Feature
0
Resistor Type
MOR
Additional
Information
0


Similar Part No. - MOR01SJ0471A10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MOR01SJ082JA10 ETC2-MOR01SJ082JA10 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
More results

Similar Description - MOR01SJ0471A10

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MO MERITEK-MO Datasheet
172Kb / 3P
   Metal Oxide Film Resistors
logo
Panasonic Semiconductor
ERG-1SJ221A PANASONIC-ERG-1SJ221A Datasheet
153Kb / 7P
   Metal (Oxide) Film Resistors
logo
Willow Technologies Ltd
MOF WILLOW-MOF Datasheet
87Kb / 2P
   METAL OXIDE FILM RESISTORS
logo
Panasonic Semiconductor
ERG-1SJ153A PANASONIC-ERG-1SJ153A Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-1SJ683A PANASONIC-ERG-1SJ683A Datasheet
169Kb / 7P
   Metal Oxide Film Resistors
ERG-2SJ100A PANASONIC-ERG-2SJ100A Datasheet
169Kb / 7P
   Metal Oxide Film Resistors
ERG-1SJ101E PANASONIC-ERG-1SJ101E Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-2SJ123 PANASONIC-ERG-2SJ123 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-12SJ103 PANASONIC-ERG-12SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERX-2SJR56A PANASONIC-ERX-2SJR56A Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERGX12S PANASONIC-ERGX12S Datasheet
172Kb / 7P
   Metal Oxide Film Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com