Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2R-2A Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G2R-2A
Description  PCB Relay A Power Relay for a Variety of Purposes with Various Models
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-2A Datasheet(HTML) 3 Page - Omron Electronics LLC

  G2R-2A Datasheet HTML 1Page - Omron Electronics LLC G2R-2A Datasheet HTML 2Page - Omron Electronics LLC G2R-2A Datasheet HTML 3Page - Omron Electronics LLC G2R-2A Datasheet HTML 4Page - Omron Electronics LLC G2R-2A Datasheet HTML 5Page - Omron Electronics LLC G2R-2A Datasheet HTML 6Page - Omron Electronics LLC G2R-2A Datasheet HTML 7Page - Omron Electronics LLC G2R-2A Datasheet HTML 8Page - Omron Electronics LLC G2R-2A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
143
G2R
G2R
Specifications
I Coil Ratings
Note:
1. Rated voltage of bifurcated crossbar contact type: 100/(110) VAC, 200/(220) VAC, 230 VAC (Approx. 0.7 VA at 60 Hz)
2. Depending on the type of Relay, some Relays do not have coil specifications. Contact your OMRON representative for more
details.
Note:
Rated voltage of bifurcated crossbar contact type: 12 VDC, 24 VDC
High-sensitivity Relays
Note:
1. The rated current and coil resistance are measured at a coil temperature of 23°C with a tolerance of +15%/–20% (AC rated current)
or ±10% (DC coil resistance).
2. LEDs are used for the built-in operation indicator. For models equipped with these indications, the VAC rated current must be
increased by approximately 1 mA; the VDC rated current, by approximately 4 mA.
3. Operating characteristics are measured at a coil temperature of 23°C.
Rated voltage
12 VAC
24 VAC
100/
(110) VAC
120 VAC
200/ (220)
VAC
220 VAC
230 VAC
240 VAC
Rated current
50 Hz
93 mA
46.5 mA
11 mA
9.3 mA
5.5 (4.0)
mA
5.1 mA
4.7 (3.7) mA
4.7 mA
60 Hz
75 mA
37.5 mA
9/
(10.6) mA
7.5 mA
4.5 (5.3)
mA
4.1 mA
3.8 (3.1) mA
3.8 mA
Coil resistance
65
W
260
W
4,600
W
6,500
W
20,200
(25,000)
W
25,000
W 26,850
(30,000)
W
30,000
W
Coil inductance
(H) (ref. value)
Armature OFF
0.19
0.81
13.34
21
51.3
57.5
62
65.5
Armature ON
0.39
1.55
26.84
42
102
117
124
131
Must operate voltage
80% max. of rated voltage
Must release voltage
30% min. of rated voltage
Max. voltage
140% of rated voltage (at 23
•C)
Power consumption
Approx. 0.9 VA at 60 Hz (approx. 0.7 VA at 60 Hz)
Rated voltage
5 VDC
6 VDC
12 VDC
24 VDC
48 VDC
100 VDC
Rated current (50/60 Hz)
106 mA
88.2 mA
43.6 mA
21.8 mA
11.5 mA
5.3 mA
Coil resistance
47
W
68
W
275
W
1,100
W
4,170
W
18,860
W
Coil inductance
(H) (ref. value)
Armature OFF
0.20
0.28
1.15
4.27
13.86
67.2
Armature ON
0.39
0.55
2.29
8.55
27.71
93.2
Must operate voltage
70% max. of rated voltage
Must release voltage
15% min. of rated voltage
Max. voltage
170% of rated voltage (at 23
•C)
Power consumption
Approx. 0.53 W
Rated voltage
5 VDC
6 VDC
12 VDC
24 VDC
48 VDC
Rated current (50/60 Hz)
(see note 1.)
71.4 mA
60 mA
30 mA
15 mA
7.5 mA
Coil resistance (see note 1.)
70
W
100
W
400
W
1,600
W
6,400
W
Coil inductance
(H) (ref. value)
Armature OFF
0.37
0.53
2.14
7.80
31.20
Armature ON
0.75
1.07
4.27
15.60
62.40
Must operate voltage
70% max. of rated voltage
Must release voltage
15% min. of rated voltage
Max. voltage
170% of rated voltage (at 23
•C)
Power consumption
Approx. 0.36 W


Similar Part No. - G2R-2A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-2A OMRON-G2R-2A Datasheet
562Kb / 14P
   Power PCB Relay
G2R-2A OMRON-G2R-2A Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2R-2A OMRON-G2R-2A Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con tact.
G2R-2A OMRON-G2R-2A Datasheet
656Kb / 12P
   Power PCB Relay
G2R-2A OMRON-G2R-2A Datasheet
2Mb / 14P
   The Best Seller G2R
More results

Similar Description - G2R-2A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1AE-DC12 OMRON-G2R-1AE-DC12 Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
P2RF-08-E OMRON-P2RF-08-E Datasheet
1Mb / 19P
   A Power Relay for a Variety of Purposes with Various Models
G2RL14EDC12 OMRON-G2RL14EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL14ECFDC5 OMRON-G2RL14ECFDC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-1-EDC12 OMRON-G2RL-1-EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL24DC5 OMRON-G2RL24DC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-24-CFDC5 OMRON-G2RL-24-CFDC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
logo
ETA-USA
VTA05-SC12 ETA-USA-VTA05-SC12 Datasheet
6Mb / 3P
   25W Variety of Models
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
TE Connectivity Ltd
F4A TEC-F4A Datasheet
577Kb / 3P
   Power Relay F4 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com