Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2R-1-SND Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G2R-1-SND
Description  PCB Relay A Power Relay for a Variety of Purposes with Various Models
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-1-SND Datasheet(HTML) 4 Page - Omron Electronics LLC

  G2R-1-SND Datasheet HTML 1Page - Omron Electronics LLC G2R-1-SND Datasheet HTML 2Page - Omron Electronics LLC G2R-1-SND Datasheet HTML 3Page - Omron Electronics LLC G2R-1-SND Datasheet HTML 4Page - Omron Electronics LLC G2R-1-SND Datasheet HTML 5Page - Omron Electronics LLC G2R-1-SND Datasheet HTML 6Page - Omron Electronics LLC G2R-1-SND Datasheet HTML 7Page - Omron Electronics LLC G2R-1-SND Datasheet HTML 8Page - Omron Electronics LLC G2R-1-SND Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
144
G2R
G2R
Double-winding Latching Relays
Note:
1. The rated current and coil resistance are measured at a coil temperature of 23°C with a tolerance of ±10%.
2. Operating characteristics are measured at a coil temperature of 23°C.
I Contact Ratings
PCB/Flux Protection, Plug-in, Quick-connect Terminal Relays
Note:
1. P level:
l
60 = 0.1 x 10
–6/operation
2. ( ): Bifurcated crossbar contact type.
PCB/Flux Protection Relays
Note:
P level:
l
60 = 0.1 x 10
–6/operation
Rated voltage
5 VDC
6 VDC
12 VDC
24 VDC
Set coil
Rated current (see note 1.)
167 mA
138 mA
70.6 mA
34.6 mA
Coil resistance (see note 1.)
30
W
43.5
W
170
W
694
W
Coil inductance
(H) (ref. value)
Armature OFF
0.073
0.104
0.42
1.74
Armature ON
0.146
0.208
0.83
3.43
Reset coil
Rated current
119 mA
100 mA
50 mA
25 mA
Coil resistance
42
W
60
W
240
W
960
W
Coil inductance
(H) (ref. value)
Armature OFF
0.003
0.005
0.018
0.079
Armature ON
0.006
0.009
0.036
0.148
Must set voltage
70% max. of rated voltage
Must reset voltage
70% max. of rated voltage
Max. voltage
140% of rated voltage (at 23
•C)
Power consumption
Set coil: Approx. 850 mW; Reset coil: Approx. 600 mW
Item
General-purpose, quick-connect terminal
High-capacity
Number of poles
1 pole
2 poles
1 pole
Load
Resistive load
(cos
f = 1)
Inductive load
(cos
f = 0.4;
L/R = 7 ms)
Resistive load
(cos
f = 1)
Inductive load
(cos
f = 0.4;
L/R = 7 ms)
Resistive load
(cos
f = 1)
Inductive load
(cos
f = 0.4;
L/R = 7 ms)
Rated load
10 (1) A at 250 VAC;
10 (1) A at 30 VDC
7.5 A at 250
VAC;
5 A at 30 VDC
5 A at 250
VAC;
5 A at 30 VDC
2 A at 250 VAC;
3 A at 30 VDC
16 A at 250
VAC;
16 A at 30 VDC
8 A at 250 VAC;
8 A at 30 VDC
Rated carry current
10 (1) A
5 A
16 A
Max. switching voltage 380 VAC, 125 VDC
380 VAC, 125 VDC
380 VAC, 125 VDC
Max. switching current 10 (1) A
5 A
16 A
Max. switching power
2,500 (250) VA,
300 (30) W
1,875 VA,
150 W
1,250 VA,
150 W
500 VA,
90 W
4,000 VA,
480 W
2,000 VA,
240 W
Failure rate
(reference value)
100 mA at 5 VDC (1 mA at 5 VDC)
10 mA at 5 VDC
100 mA at 5 VDC
Item
Bifurcated contacts
High-sensitivity
Number of poles
1 pole
1 pole
2 poles
Load
Resistive load
(cos
f = 1)
Inductive load
(cos
f = 0.4;
L/R = 7 ms)
Resistive load
(cos
f = 1)
Inductive load
(cos
f = 0.4;
L/R = 7 ms)
Resistive load
(cos
f = 1)
Inductive load
(cos
f = 0.4;
L/R = 7 ms)
Rated load
5 A at 250 VAC;
5 A at 30 VDC
2 A at 250 VAC;
3 A at 30 VDC
5 A at 250 VAC;
5 A at 30 VDC
2 A at 250 VAC;
3 A at 30 VDC
3 A at 250 VAC;
3 A at 30 VDC
1 A at 250 VAC;
1.5 A at 30 VDC
Rated carry current
5 A
5 A
3 A
Max. switching voltage 380 VAC, 125 VDC
380 VAC, 125 VDC
380 VAC, 125 VDC
Max. switching current 5 A
5 A
3 A
Max. switching power
1,250 VA,
150 W
500 VA,
90 W
1,250 VA,
150 W
500 VA,
90 W
750 VA,
90 W
250 VA,
45 W
Failure rate
(reference value)
1 mA at 5 VDC
100 mA at 5 VDC
10 mA at 5 VDC


Similar Part No. - G2R-1-SND

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2R-1-SND ETC-G2R-1-SND Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
G2R-1-SND OMRON-G2R-1-SND Datasheet
787Kb / 12P
   General-purpose Relay
G2R-1-SND OMRON-G2R-1-SND Datasheet
819Kb / 11P
   Slim and Space-saving Power Plug-in Relay
G2R-1-SND OMRON-G2R-1-SND Datasheet
836Kb / 12P
   Slim and Space-saving Power Plug-in Relay
G2R-1-SND OMRON-G2R-1-SND Datasheet
1Mb / 15P
   Slim and Space-saving Power Plug-in Relay
More results

Similar Description - G2R-1-SND

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1AE-DC12 OMRON-G2R-1AE-DC12 Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
P2RF-08-E OMRON-P2RF-08-E Datasheet
1Mb / 19P
   A Power Relay for a Variety of Purposes with Various Models
G2RL14EDC12 OMRON-G2RL14EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL14ECFDC5 OMRON-G2RL14ECFDC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-1-EDC12 OMRON-G2RL-1-EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL24DC5 OMRON-G2RL24DC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-24-CFDC5 OMRON-G2RL-24-CFDC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
logo
ETA-USA
VTA05-SC12 ETA-USA-VTA05-SC12 Datasheet
6Mb / 3P
   25W Variety of Models
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
TE Connectivity Ltd
F4A TEC-F4A Datasheet
577Kb / 3P
   Power Relay F4 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com