Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82134A5301M000 Datasheet(PDF) 2 Page - EPCOS

Part # B82134A5301M000
Description  Chokes and inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82134A5301M000 Datasheet(HTML) 2 Page - EPCOS

  B82134A5301M000 Datasheet HTML 1Page - EPCOS B82134A5301M000 Datasheet HTML 2Page - EPCOS B82134A5301M000 Datasheet HTML 3Page - EPCOS B82134A5301M000 Datasheet HTML 4Page - EPCOS B82134A5301M000 Datasheet HTML 5Page - EPCOS B82134A5301M000 Datasheet HTML 6Page - EPCOS B82134A5301M000 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
11/05
VHF chokes
Carbonyl iron core
B82131 ... B82134
Please read the Important notes at the end of
this document.
Rated voltage 500 VAC/DC
Rated current 0.15 to 6 A
Rated inductance 1 to 420
NH
Construction
Cylinder core of carbonyl iron
Winding: single-layer, enamel copper wire
Polyester insulating sleeve
Features
High resonant frequency
RoHS-compatible1)
Applications
RF blocking and filtering
Interference suppression in small appliances
Decoupling in telecommunications and
entertainment electronics
Marking
LR and IR in clear text
Delivery mode
Taped and reeled (for packing and packing units see page 6).
Dimensional drawing
1) RoHS-compatible is defined as compatible with the following documents:
DIRECTIVE 2002/95/EC OF THE EUROPEAN PARLIAMENT AND OF THE COUNCIL of 13 February 2003 on
the restriction of the use of certain hazardous substances in electrical and electronic equipment COM (2004) 606
final Proposal for a COUNCIL DECISION amending Directive 2002/95/EC of the European Parliament and of the
Council for the purposes of establishing the maximum concentration values for certain hazardous substances in
electrical and electronic equipment.
IND0144-Z-E
1
_
73
max.
k max.
9±0.5
*) Tolerance over 10 spacings ± 2 mm
Lead spacing
e min (mm)
Type
17.5
22.5
27.5
32.5
B82131
B82132
B82133
B82134
IND0145-U
min.
e


Similar Part No. - B82134A5301M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82134A5301M000 EPCOS-B82134A5301M000 Datasheet
136Kb / 9P
   Inductors
logo
TDK Electronics
B82134A5301M000 TDK-B82134A5301M000 Datasheet
554Kb / 9P
   VHF chokes
More results

Similar Description - B82134A5301M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82143A EPCOS-B82143A Datasheet
199Kb / 9P
   Chokes and inductors
B82111B EPCOS-B82111B Datasheet
112Kb / 6P
   Chokes and inductors
B78108S EPCOS-B78108S Datasheet
223Kb / 10P
   Chokes and inductors
logo
Pulse A Technitrol Comp...
B902 PULSE-B902 Datasheet
1Mb / 4P
   Inductors And Common Mode Chokes
logo
EPCOS
B82144A EPCOS-B82144A Datasheet
194Kb / 9P
   Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
logo
TDK Electronics
B82500C0000A002 TDK-B82500C0000A002 Datasheet
524Kb / 6P
   Inductors VHF chokes
logo
EPCOS
B82111B EPCOS-B82111B_10 Datasheet
110Kb / 7P
   Inductors VHF chokes
logo
XFMRS Inc.
ISO9001-CERT XFMRS-ISO9001-CERT Datasheet
676Kb / 6P
   Design and manufacture of chokes, inductors, transformers and connectors
logo
TDK Electronics
B82144F1476J009 TDK-B82144F1476J009 Datasheet
453Kb / 8P
   Inductors RF chokes, LBC series
B82145A1104J000 TDK-B82145A1104J000 Datasheet
581Kb / 8P
   Inductors RF chokes, HLBC series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com