Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K50-HC Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # K50-HC
Description  Clock Crystal Oscillators Surface Mount Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

K50-HC Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  K50-HC Datasheet HTML 1Page - Kyocera Kinseki Corpotation K50-HC Datasheet HTML 2Page - Kyocera Kinseki Corpotation K50-HC Datasheet HTML 3Page - Kyocera Kinseki Corpotation K50-HC Datasheet HTML 4Page - Kyocera Kinseki Corpotation K50-HC Datasheet HTML 5Page - Kyocera Kinseki Corpotation K50-HC Datasheet HTML 6Page - Kyocera Kinseki Corpotation K50-HC Datasheet HTML 7Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Clock Crystal Oscillators
Surface Mount Type
K50H-3C Series
CMOS / 3.3V / 7.0
×5.0A
Features
• Miniature ceramic package
• Highly reliable with seam welding
• CMOS output
• Supply voltage VDD=3.3V
• Internal Bypass Capacitor
• Low Jitter
±25ppm available
Table 1
How to Order
Dimensions
Specifications
(Unit : mm)
Recommended Land Pattern (Unit : mm)
K50H-3C 0 - S E 125.000
qType(7
×5 SMD, 3.3V)
wFrequency Stability Code(See Table1)
eDuty Ratio(S: 45% to 55% STD)
rEnable/Disable Function(STD)
tOscillation Frequency(Ex.: 125.000MHz)
Packaging(Tape & Reel 1,000pcs/reel)
w
qe r
t
Stability
TOPR
Note
Code
(ppm)
(
°C)
0
± 50
−10 to +70
Standard specifications
S
± 30
(Standard)
U
± 25
F
±100 −40 to +85
G
± 50
(Extend)
With only certain
frequencies
With only certain
frequencies
Note: K50H Series has Bypass Capacitor of 0.01
µF
between VDD and GND.
1.8
5.08
Plating: Ni
+Au
Tolerance:
±0.2
Pin Connections
q Control
w Case GND
e Output
r VDD
Enable/Disable Function
Pin1
Pin3(Output)
Open
Active
"H" Level
Active
"L" Level High Z(No-Oscillation)
7.0
1.4
q
w
r
e
5.08
0.6
Overall conditions:
initial tolerance, operating temperature range, rated
power supply voltage change, load change, aging(1year
@25
°C), shock and vibration
Note: Please contact us for inquires about extended operating temperature range, available frequencies and other conditions.
All electrical characteristics are defined at the maximum load and operating temperature range.
Item
Symbol
Conditions
Min.
Max.
Units
20% VDD to 80% VDD
10% VDD to 90% VDD
20% VDD to 80% VDD
10% VDD to 90% VDD
Output Frequency Range
Frequency Stability
Storage Temperature Range
Operating Temperature Range
Max. Supply Voltage
Supply Voltage
Current Consumption
(Maximum Loaded)
Duty Ratio(Symmetry)
Duty Ratio(Symmetry)
Rise/Fall Time
(10% VDD to 90% VDD Maximum Loaded)
Output Voltage-"L"
Output Voltage-"H"
Output Load
Input Voltage Range
Input Voltage-"L"
Input Voltage-"H"
Output Disable Time
Output Enable Time
Start-up Time
Deterministic Jitter pk-pk
1Sigma jitter
FOUT
50
170
MHz
−25
+25
FSBY
−30
+30
ppm
−50
+50
TSTG
−55
+125
TOPR
Standard
−10
+70
°C
Extend(option)
−40
+85
-----
−0.5
7.0
VDD
Stability:
±50ppm, ±100ppm(Ext Temp)
2.97
3.63
Volt
Stability:
±25ppm, ±30ppm, ±50ppm(Ext Temp)
3.14
3.46
50
≤FOUT≤ 85MHz
-----
30
IDD
85<FOUT
≤100MHz
-----
40
mA
100<FOUT
≤135MHz
-----
50
135<FOUT
≤160MHz
-----
60
IST
Standby Function
-----
10
µA
SYM
@50% VDD
45
55
%
50
≤FOUT<100MHz
-----
3.5
Tr/Tf
-----
5.0
nS
100
≤FOUT≤160MHz
-----
1.5
-----
2.0
VOL
-----
10% VDD
Volt
VOH
90% VDD
-----
CL
CMOS
-----
15
pF
VIN
0
VDD
Volt
VIL
-----
30% VDD
Volt
VIH
70% VDD
-----
-----
-----
5
mS
-----
-----
150
nS
ST
@Minimum operating Voltage to be 0sec.
-----
10
mS
DJ
Measured with "Wavecrest DTS-2079", VISI 6.3.1
-----
2
psec
1sigma
-----
4
Pb Free
RoHS Conforming


Similar Part No. - K50-HC

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
K50-HC AVX-K50-HC Datasheet
74Kb / 3P
   Clock Oscillators (SMD)
More results

Similar Description - K50-HC

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC7050S-P2 KSS-KC7050S-P2 Datasheet
55Kb / 1P
   Clock Oscillators Surface Mount Type
KC7050P-L3 KSS-KC7050P-L3 Datasheet
134Kb / 1P
   Clock Oscillators Surface Mount Type
KC7050P-P2 KSS-KC7050P-P2 Datasheet
133Kb / 1P
   Clock Oscillators Surface Mount Type
KC7050P-P3 KSS-KC7050P-P3 Datasheet
134Kb / 1P
   Clock Oscillators Surface Mount Type
logo
AVX Corporation
KC2520B24.0000C10E00 AVX-KC2520B24.0000C10E00 Datasheet
121Kb / 1P
   Clock Oscillators Surface Mount Type
logo
Kyocera Kinseki Corpota...
KC7050R-P3 KSS-KC7050R-P3 Datasheet
140Kb / 1P
   Clock Oscillators Surface Mount Type
logo
AVX Corporation
KC5032C16.0000C30E00 AVX-KC5032C16.0000C30E00 Datasheet
125Kb / 1P
   Clock Oscillators Surface Mount Type
logo
Kyocera Kinseki Corpota...
KC7050A-C5 KSS-KC7050A-C5_18 Datasheet
62Kb / 1P
   Clock Oscillators Surface Mount Type
KC7050P-L2 KSS-KC7050P-L2 Datasheet
134Kb / 1P
   Clock Oscillators Surface Mount Type
KC7050S-C1 KSS-KC7050S-C1 Datasheet
55Kb / 1P
   Clock Oscillators Surface Mount Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com