Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2R-1A-E Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # G2R-1A-E
Description  PCB Relay A Power Relay for a Variety of Purposes with Various Models
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-1A-E Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button G2R-1A-E Datasheet HTML 5Page - Omron Electronics LLC G2R-1A-E Datasheet HTML 6Page - Omron Electronics LLC G2R-1A-E Datasheet HTML 7Page - Omron Electronics LLC G2R-1A-E Datasheet HTML 8Page - Omron Electronics LLC G2R-1A-E Datasheet HTML 9Page - Omron Electronics LLC G2R-1A-E Datasheet HTML 10Page - Omron Electronics LLC G2R-1A-E Datasheet HTML 11Page - Omron Electronics LLC G2R-1A-E Datasheet HTML 12Page - Omron Electronics LLC G2R-1A-E Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
149
G2R
G2R
Fully Sealed Relays
G2R-14, G2R-1A4
G2R-24, G2R-2A4
G2R-1Z4, G2R-1AZ4
Switching voltage (V)
Switching voltage (V)
Switching voltage (V)
AC
resistive load
AC inductive load
(cos
φ = 0.4)
DC resistive load
DC inductive load
(L/R = 7 ms)
AC
resistive load
DC inductive load
(L/R = 7 ms)
DC
resistive load
AC
resistive load
DC inductive load
(L/R = 7 ms)
DC
resistive load
AC inductive load
(cos
φ = 0.4)
AC inductive load
(cos
φ = 0.4)
Flux Protection/Plug-in Relays
G2R-1, G2R-1A, G2R-1-S, G2R-1-T,
G2R-1A-T
G2R-1-E, G2R-1A-E
G2R-1Z, G2R-1AZ
Switching current (A)
Switching current (A)
Switching current (A)
G2R-1-H, G2R-1A-H, G2R-2
G2R-2A, G2R-2-S
G2R-2-H, G2R-2A-H
Switching current (A)
Switching current (A)
Endurance
250-VAC/30-VDC
resistive load
250-VAC inductive load
(cos
φ = 0.4)
30-VDC inductive load (L/R = 7ms)
250-VAC/30-VDC
resistive load
250-VAC (cos
φ = 0.4)
/30-VDC (L/R = 7 ms)
inductive load
30-VDC inductive load (L/R = 7 ms)
250-VAC/30-VDC
resistive load
250-VAC inductive
load (cos
φ = 0.4)
30-VDC inductive load (L/R = 7 ms)
30-VDC
inductive load
(L/R = 7 ms)
250-VAC/30-VDC
resistive load
250-VAC/30-VDC
resistive load
250-VAC
inductive load
(cos
φ = 0.4)
250-VAC
inductive load
(cos
φ = 0.4)
5,000
1,000
500
100
50
5,000
1,000
500
100
50
5,000
1,000
500
100
50
10,000
5,000
3,000
1,000
500
300
100
10,000
5,000
3,000
1,000
500
300
100
50
30
Switching current (A)
G2R-13-S, G2R-1A3-S
250-VAC/30-VDC
resistive load
250-VAC (cos
φ = 0.4)/30-VDC
(L/R = 7 ms) inductive load
10,000
7,000
5,000
3,000
1,000
700
500
300
100
70
50
30


Similar Part No. - G2R-1A-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1A-E OMRON-G2R-1A-E Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-E OMRON-G2R-1A-E Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2R-1A-E OMRON-G2R-1A-E Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con tact.
G2R-1A-E OMRON-G2R-1A-E Datasheet
656Kb / 12P
   Power PCB Relay
G2R-1A-E OMRON-G2R-1A-E Datasheet
2Mb / 14P
   The Best Seller G2R
More results

Similar Description - G2R-1A-E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1AE-DC12 OMRON-G2R-1AE-DC12 Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
P2RF-08-E OMRON-P2RF-08-E Datasheet
1Mb / 19P
   A Power Relay for a Variety of Purposes with Various Models
G2RL14EDC12 OMRON-G2RL14EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL14ECFDC5 OMRON-G2RL14ECFDC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-1-EDC12 OMRON-G2RL-1-EDC12 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL24DC5 OMRON-G2RL24DC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
G2RL-24-CFDC5 OMRON-G2RL-24-CFDC5 Datasheet
513Kb / 6P
   A Power Relay with Various Models
logo
ETA-USA
VTA05-SC12 ETA-USA-VTA05-SC12 Datasheet
6Mb / 3P
   25W Variety of Models
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
TE Connectivity Ltd
F4A TEC-F4A Datasheet
577Kb / 3P
   Power Relay F4 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com