Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOR0S2J0680A50 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MOR0S2J0680A50
Description  Metal Oxide Film Resistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MOR0S2J0680A50 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MOR0S2J0680A50 Datasheet HTML 1Page - List of Unclassifed Manufacturers MOR0S2J0680A50 Datasheet HTML 2Page - List of Unclassifed Manufacturers MOR0S2J0680A50 Datasheet HTML 3Page - List of Unclassifed Manufacturers MOR0S2J0680A50 Datasheet HTML 4Page - List of Unclassifed Manufacturers MOR0S2J0680A50 Datasheet HTML 5Page - List of Unclassifed Manufacturers MOR0S2J0680A50 Datasheet HTML 6Page - List of Unclassifed Manufacturers MOR0S2J0680A50 Datasheet HTML 7Page - List of Unclassifed Manufacturers MOR0S2J0680A50 Datasheet HTML 8Page - List of Unclassifed Manufacturers MOR0S2J0680A50 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Metal Oxide Film Resistors
Page 1
30/08/07 V1.1
Features:
High safety standard, high purity ceramic core.
Excellent non-flame coating, non-inductive type available.
Stable performance in diverse environment, meet EIAJ-RC2655A
requirements.
Too low or too high ohmic value can be supplied on a case to case basis.
Performance Specifications:
Temperature coefficient
: ±350PPM/°C.
Short-time overload
: Normal size :
∆R/R ≤ ±(1.0% +0.05Ω), with no evidence of mechanical damage.
Small size :
∆R/R ≤ ±(2.0% +0.05Ω), with no evidence of mechanical damage.
Dielectric withstanding voltage
: No evidence of flashover, mechanical damage, arcing or insulation breakdown.
Pulse overload
: Normal size :
∆R/R ≤ ±(2.0% +0.05Ω), with no evidence of mechanical damage.
Terminal strength
: No evidence of mechanical damage.
Resistance to soldering heat
:
∆R/R ≤ ±(1.0% +0.05Ω), with no evidence of mechanical damage.
Minimum solderability
: 95% coverage.
Resistance to solvent
: No deterioration of protective coating and markings.
Temperature cycling
:
∆R/R ≤ ±(2.0% +0.05Ω), with no evidence of mechanical damage.
Humidity (steady state)
:
∆R/R ≤ ±(2.0% +0.05Ω), with no evidence of mechanical damage.
Load life in humidity
:
∆R/R ≤ ±5% for 100KΩ; 10% for ≥ ±100kΩ.
Load life
:
∆R/R ≤ ±5% for 100KΩ; 10% for ≥ ±100kΩ.
Non-Flame
: No evidence of flaming or arcing.
Dimension:
Dimensions : Millimetres
Specification Table
Type
Style
Power
Rating at 70°C
(W)
Dimension
D Maximum
L Maximum
H ±3
d ±0.05
MOR0S2
MOR-50-S
0.5
2.5
7.5
28
0.54
MOR01S
MOR-100-S
1
3.5
10.0
28
0.54
MOR03S
MOR-300-S
3
5.5
16.0
28
0.70
MOR07W
MOR-700
7
8.5
32.0
38
0.75
Dimensions : Millimetres


Similar Part No. - MOR0S2J0680A50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MOR0S2J082JA10 ETC2-MOR0S2J082JA10 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
MOR0S2J082JA20 ETC2-MOR0S2J082JA20 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
MOR0S2J082JA40 ETC2-MOR0S2J082JA40 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
MOR0S2J082JAA0 ETC2-MOR0S2J082JAA0 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
MOR0S2J082JAB0 ETC2-MOR0S2J082JAB0 Datasheet
232Kb / 3P
   Metal Oxide Film Fixed Resistors
More results

Similar Description - MOR0S2J0680A50

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MO MERITEK-MO Datasheet
172Kb / 3P
   Metal Oxide Film Resistors
logo
Panasonic Semiconductor
ERG-1SJ221A PANASONIC-ERG-1SJ221A Datasheet
153Kb / 7P
   Metal (Oxide) Film Resistors
logo
Willow Technologies Ltd
MOF WILLOW-MOF Datasheet
87Kb / 2P
   METAL OXIDE FILM RESISTORS
logo
Panasonic Semiconductor
ERG-1SJ153A PANASONIC-ERG-1SJ153A Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-1SJ683A PANASONIC-ERG-1SJ683A Datasheet
169Kb / 7P
   Metal Oxide Film Resistors
ERG-2SJ100A PANASONIC-ERG-2SJ100A Datasheet
169Kb / 7P
   Metal Oxide Film Resistors
ERG-1SJ101E PANASONIC-ERG-1SJ101E Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-2SJ123 PANASONIC-ERG-2SJ123 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERG-12SJ103 PANASONIC-ERG-12SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERX-2SJR56A PANASONIC-ERX-2SJR56A Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERGX12S PANASONIC-ERGX12S Datasheet
172Kb / 7P
   Metal Oxide Film Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com