Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-21266SKSTZ-1D Datasheet(PDF) 1 Page - Analog Devices

Part # ADSP-21266SKSTZ-1D
Description  Embedded Processor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21266SKSTZ-1D Datasheet(HTML) 1 Page - Analog Devices

  ADSP-21266SKSTZ-1D Datasheet HTML 1Page - Analog Devices ADSP-21266SKSTZ-1D Datasheet HTML 2Page - Analog Devices ADSP-21266SKSTZ-1D Datasheet HTML 3Page - Analog Devices ADSP-21266SKSTZ-1D Datasheet HTML 4Page - Analog Devices ADSP-21266SKSTZ-1D Datasheet HTML 5Page - Analog Devices ADSP-21266SKSTZ-1D Datasheet HTML 6Page - Analog Devices ADSP-21266SKSTZ-1D Datasheet HTML 7Page - Analog Devices ADSP-21266SKSTZ-1D Datasheet HTML 8Page - Analog Devices ADSP-21266SKSTZ-1D Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
SHARC and the SHARC logo are registered trademarks of Analog Devices, Inc.
SHARC®
Embedded Processor
ADSP-21266
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
FAX: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
SUMMARY
High performance 32-bit/40-bit floating-point processor
optimized for high performance audio processing
Code compatibility—at assembly level, uses the same
instruction set as other SHARC DSPs
Processes high performance audio while enabling low
system costs
Audio decoders and postprocessor algorithms support
nonvolatile memory that can be configured to contain a
combination of PCM 96 kHz, Dolby® Digital, Dolby Digital
Surround EX
TM, DTS-ESTM Discrete 6.1, DTS-ES Matrix 6.1,
DTS
® 96/24 5.1, MPEG2 AAC LC, MPEG2 BC 2ch, WMA-
PRO V7.1, Dolby Pro Logic II, Dolby Pro Logic 2x, and
DTS Neo:6
TM
Various multichannel surround-sound decoders are con-
tained in ROM. For configurations of decoder algorithms,
see Table 2 on Page 6.
Single-instruction multiple-data (SIMD) computational archi-
tecture—two 32-bit IEEE floating-point/32-bit fixed-point/
40-bit extended precision floating-point computational
units, each with a multiplier, ALU, shifter, and register file
High bandwidth I/O—a parallel port, an SPI port, six serial
ports, a digital audio interface (DAI), and JTAG
DAI incorporates two precision clock generators (PCGs), an
input data port (IDP) that includes a parallel data acquisi-
tion port (PDAP), and three programmable timers, all
under software control by the signal routing unit (SRU)
On-chip memory—2M bits on-chip SRAM and a dedicated 4M
bits on-chip mask-programmable ROM
The ADSP-21266 is available with a 150 MHz or a 200 MHz
core instruction rate. For complete ordering information,
see Ordering Guide on Page 44.
Figure 1. Functional Block Diagram
ADDR
DATA
PX REGI STER
6
JTAG TES T & EMULATION
20
3
SERIAL PORTS (6)
INPUT
DATA PORTS (8)
PARALLEL DATA
ACQUISITION PORT
TIMERS (3)
SI GNAL
RO UTI NG
UNI T
PRECISI ON CLOCK
GENERATORS (2)
DIGITAL AUDIO INTERFACE
3
16
A DDRES S/
DATA BUS / GPIO
C ONTROL/GPIO
PARALLEL
PORT
IOP
REGISTE RS
(MEMORY MAPPED)
CO NTROL,
STATUS ,
DATA BUFFERS
4
SPI PORT (1)
DMA CONTRO LLER
2 2 CHANNELS
4
GPIO FLAGS/
IRQ /TIMEXP
PRO CESSI NG
ELEMENT
(PEY)
PROCESSING
ELEMENT
(PEX)
TIMER
INSTRUCTION
CACHE
32
48-BIT
DAG1
8
4
32
DAG2
8
4
32
32
PM ADDRESS BUS
DM ADDRESS BUS
PM DATA BUS
DM DATA BUS
64
64
CORE PROCESSOR
PROG RAM
SEQ UE NCER
ADDR
DATA
SRAM
1M BIT
ROM
2M BI T
DUAL PORTED MEMORY
BLOCK 0
SRAM
1M BI T
ROM
2M BIT
DUAL PORTED MEMORY
BLO CK 1
S
IOD
(32)
IOA
(18)
32
I/O PROCESSOR


Similar Part No. - ADSP-21266SKSTZ-1D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21266SKSTZ-1B AD-ADSP-21266SKSTZ-1B Datasheet
1Mb / 44P
   SHARC Embedded Processor
REV. B
ADSP-21266SKSTZ-1C AD-ADSP-21266SKSTZ-1C Datasheet
1Mb / 44P
   SHARC Embedded Processor
REV. B
More results

Similar Description - ADSP-21266SKSTZ-1D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
ADSP-BF542 AD-ADSP-BF542_1 Datasheet
3Mb / 100P
   Embedded Processor
Rev. C
ADSP-BF522C AD-ADSP-BF522C Datasheet
829Kb / 12P
   Embedded Processor
Rev. PrB
ADSP-TS101S AD-ADSP-TS101S Datasheet
827Kb / 44P
   Embedded Processor
REV. A
ADSP-21262 AD-ADSP-21262_05 Datasheet
1Mb / 48P
   Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-2101BS-100 AD-ADSP-2101BS-100 Datasheet
667Kb / 48P
   TigerSHARC Embedded Processor
REV. B
logo
List of Unclassifed Man...
PICASO ETC2-PICASO Datasheet
8Mb / 24P
   Embedded Graphics Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com